Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC56 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1.5SMC56
Description  1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1.5SMC56 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1.5SMC56 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1.5SMC56 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1.5SMC56 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1.5SMC56 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1.5SMC56 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1.5SMC56 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1.5SMC6V8
UAA
1000
5.50
6.12
6.8
7.48
10
10.8
139
1.5SMC6V8A
UAB
1000
5.80
6.45
6.8
7.14
10
10.5
143
1.5SMC7V5
UAC
500
6.05
6.75
7.5
8.25
10
11.7
128
1.5SMC7V5A
UAD
500
6.40
7.13
7.5
7.88
10
11.3
132
1.5SMC8V2
UAE
200
6.63
7.38
8.2
9.02
10
12.5
120
1.5SMC8V2A
UAF
200
7.02
7.79
8.2
8.61
10
12.1
124
1.5SMC9V1
UAG
50
7.37
8.19
9.1
10.0
1
13.8
109
1.5SMC9V1A
UAH
50
7.78
8.65
9.1
9.55
1
13.4
112
1.5SMC10
UAK
10
8.10
9.00
10
11.0
1
15.0
100
1.5SMC10A
UAL
10
8.55
9.50
10
10.5
1
14.5
103
1.5SMC11
UAM
5
8.92
9.90
11
12.1
1
16.2
93
1.5SMC11A
UAN
5
9.40
10.5
11
11.6
1
15.6
96
1.5SMC12
UAP
5
9.72
10.8
12
13.2
1
17.3
87
1.5SMC12A
UAR
5
10.2
11.4
12
12.6
1
16.7
90
1.5SMC13
UAS
5
10.5
11.7
13
14.3
1
19.0
79
1.5SMC13A
UAT
5
11.1
12.4
13
13.7
1
18.2
82
1.5SMC15
UAU
5
12.1
13.5
15
16.5
1
22.0
68
1.5SMC15A
UAV
5
12.8
14.3
15
15.8
1
21.2
71
1.5SMC16
UAW
5
12.9
14.4
16
17.6
1
23.5
64
1.5SMC16A
UAX
5
13.6
15.2
16
16.8
1
22.5
67
1.5SMC18
UAY
5
14.5
16.2
18
19.8
1
26.5
56.5
1.5SMC18A
UAZ
5
15.3
17.1
18
18.9
1
25.5
59.5
1.5SMC20
UBA
5
16.2
18.0
20
22.0
1
29.1
51.5
1.5SMC20A
UBB
5
17.1
19.0
20
21.0
1
27.7
54
1.5SMC22
UBC
5
17.8
19.8
22
24.2
1
31.9
47
1.5SMC22A
UBD
5
18.8
20.9
22
23.1
1
30.6
49
1.5SMC24
UBE
5
19.4
21.6
24
26.4
1
34.7
43
1.5SMC24A
UBF
5
20.5
22.8
24
25.2
1
33.2
45
1.5SMC27
UBG
5
21.8
24.3
27
29.7
1
39.1
38.5
1.5SMC27A
UBH
5
23.1
25.7
27
28.4
1
37.5
40
1.5SMC30
UBK
5
24.3
27.0
30
33.0
1
43.5
34.5
1.5SMC30A
UBL
5
25.6
28.5
30
31.5
1
41.4
36
1.5SMC33
UBM
5
26.8
29.7
33
36.3
1
47.7
31.5
1.5SMC33A
UBN
5
28.2
31.4
33
34.7
1
45.7
33
1.5SMC36
UBP
5
29.1
32.4
36
39.6
1
52.0
29
1.5SMC36A
UBR
5
30.8
34.2
36
37.8
1
49.9
30
1.5SMC39
UBS
5
31.6
35.1
39
42.9
1
56.4
26.5
1.5SMC39A
UBT
5
33.3
37.1
39
41.0
1
53.9
28
1.5SMC43
UBU
5
34.8
38.7
43
47.3
1
61.9
24
1.5SMC43A
UBV
5
36.8
40.9
43
45.2
1
59.3
25.3
1.5SMC47
UBW
5
38.1
42.3
47
51.7
1
67.8
22.2
1.5SMC47A
UBX
5
40.2
44.7
47
49.4
1
64.8
23.2
1.5SMC51
UBY
5
41.3
45.9
51
56.1
1
73.5
20.4
1.5SMC51A
UBZ
5
43.6
48.5
51
53.6
1
70.1
21.4
1.5SMC6V8...........1.5SMC220A
1.5SMC6V8C......1.5SMC220CA
Type
Maximum Reverse
Leakage Current
at
Unidirectional
(µA)
(V)
Min.
Nom.
Max.
(mA)
(1)
I
RM
I
R
at
(V)
Breakdown Voltage
Max. Clamping Voltage
V
BR
V
CL
at
I
pp
V
RM
max. 1ms. Expo.
(V)
(A)
(1) Tested with pulses.
Pulse test: tp
≤ 50 ms; δ < 2%
Marking
Code
Jun - 03


Similar Part No. - 1.5SMC56

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5SMC56 TSC-1.5SMC56 Datasheet
68Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Nantong Hornby Electron...
1.5SMC56 HORNBY-1.5SMC56 Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
1.5SMC56 TSC-1.5SMC56 Datasheet
276Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
1.5SMC56 PANJIT-1.5SMC56 Datasheet
111Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC56 PANJIT-1.5SMC56 Datasheet
143Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
More results

Similar Description - 1.5SMC56

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZW06-273 ETC-BZW06-273 Datasheet
66Kb / 4P
   600 W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com