Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30612M8A-XXXGP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M30612M8A-XXXGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30612M8A-XXXGP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M30612M8A-XXXGP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M30612M8A-XXXGP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M30612M8A-XXXGP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30612M8A-XXXGP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30612M8A-XXXGP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30612M8A-XXXGP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M30612M8A-XXXGP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M30612M8A-XXXGP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M30612M8A-XXXGP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 197 page
background image
Mitsubishi microcomputers
M16C / 61 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Pin Description
8
VCC, VSS
CNVSS
XIN
XOUT
BYTE
AVCC
AVSS
VREF
P00 to P07
D0 to D7
P10 to P17
D8 to D15
P20 to P27
A0 to A7
A0/D0 to
A7/D7
A0, A1/D0
to A7/D6
P30 to P37
A8 to A15
A8/D7,
A9 to A15
P40 to P47
Signal name
Power supply
input
CNVSS
Reset input
Clock input
Clock output
External data
bus width
select input
Analog power
supply input
Reference
voltage input
I/O port P0
I/O port P1
I/O port P2
I/O port P3
I/O port P4
Supply 2.7 to 5.5 V to the VCC pin. Supply 0 V to the VSS pin.
Function
This pin switches between processor modes. Connect it to the
VSS pin when operating in single-chip or memory expansion mode.
Connect it to the VCC pin when in microprocessor mode.
A “L” on this input resets the microcomputer.
These pins are provided for the main clock generating circuit.Connect
a ceramic resonator or crystal between the XIN and the XOUT pins. To
use an externally derived clock, input it to the XIN pin and leave the
XOUT pin open.
This pin selects the width of an external data bus. A 16-bit width is
selected when this input is “L”; an 8-bit width is selected when this
input is “H”. This input must be fixed to either “H” or “L”. When
operating in single-chip mode,connect this pin to VSS.
This pin is a power supply input for the A-D converter. Connect this
pin to VCC.
This pin is a power supply input for the A-D converter. Connect this
pin to VSS.
This pin is a reference voltage input for the A-D converter.
This is an 8-bit CMOS I/O port. It has an input/output port direction
register that allows the user to set each pin for input or output
individually. When used for input in single-chip mode, the port can be
set to have or not have a pull-up resistor in units of four bits by
software. In memory expansion and microprocessor modes, selection
of the internal pull-resistor is not available.
When set as a separate bus, these pins input and output data (D0–D7).
This is an 8-bit I/O port equivalent to P0.
When set as a separate bus, these pins input and output data (D8–D15).
This is an 8-bit I/O port equivalent to P0.
These pins output 8 low-order address bits (A0–A7).
If the external bus is set as an 8-bit wide multiplexed bus, these pins
input and output data (D0–D7) and output 8 low-order address bits
(A0–A7) separated in time by multiplexing.
If the external bus is set as a 16-bit wide multiplexed bus, these pins
input and output data (D0–D6) and output address (A1–A7) separated
in time by multiplexing. They also output address (A0).
This is an 8-bit I/O port equivalent to P0.
These pins output 8 middle-order address bits (A8–A15).
If the external bus is set as a 16-bit wide multiplexed bus, these pins
input and output data (D7) and output address (A8) separated in time
by multiplexing. They also output address (A9–A15).
This is an 8-bit I/O port equivalent to P0.
Pin name
Input
Input
Input
Output
Input
Input
Input/output
Input/output
Input/output
Input/output
I/O type
Analog power
supply input
Input/output
Output
Input/output
Output
Input/output
Input/output
Output
Input/output
Output
Input/output
Output
Output
CS0 to CS3,
A16 to A19
These pins output CS0–CS3 signals and A16–A19. CS0–CS3 are chip
select signals used to specify an access space. A16–A19 are 4 high-
order address bits.
RESET
Pin Description


Similar Part No. - M30612M8A-XXXGP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M3060C VISHAY-M3060C Datasheet
157Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
M3060C VISHAY-M3060C Datasheet
146Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 13-Aug-13
M3060C VISHAY-M3060C Datasheet
123Kb / 5P
   Dual Common Cathode Schottky Rectifier
08-Feb-17
M3060C-E3/4W VISHAY-M3060C-E3/4W Datasheet
157Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
M3060C VISHAY-M3060C_15 Datasheet
146Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 13-Aug-13
More results

Similar Description - M30612M8A-XXXGP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com