Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34570MD-XXXFP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M34570MD-XXXFP
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M34570MD-XXXFP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M34570MD-XXXFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M34570MD-XXXFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M34570MD-XXXFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M34570MD-XXXFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M34570MD-XXXFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M34570MD-XXXFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M34570MD-XXXFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M34570MD-XXXFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M34570MD-XXXFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
8
MITSUBISHI MICROCOMPUTERS
4570 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Fig. 1 AMC instruction execution example
Fig. 2 RAR instruction execution example
Fig. 3 Registers A, B and register E
FUNCTION BLOCK OPERATIONS
CPU
(1) Arithmetic logic unit (ALU)
The arithmetic logic unit ALU performs 4-bit arithmetic such
as 4-bit data addition, comparison, AND operation, OR
operation, and bit manipulation.
(2) Register A and carry flag (CY)
Register A is a 4-bit register used for arithmetic, transfer,
exchange, and I/O operation.
Carry flag CY is a 1-bit flag that is set to “1” when there is a
carry with the AMC instruction (Figure 1).
It is unchanged with both A n instruction and AM instruction.
The value of A0 is stored in carry flag CY with the RAR
instruction (Figure 2).
Carry flag CY can be set to “1” with the SC instruction and
cleared to “0” with the RC instruction.
(3) Registers B and E
Register B is a 4-bit register used for temporary storage of 4-
bit data, and for 8-bit data transfer together with register A.
Register E is an 8-bit register. It can be used for 8-bit data
transfer with register B used as the high-order 4 bits and
register A as the low-order 4 bits (Figure 3).
(4) Register D
Register D is a 3-bit register.
It is used to store a 7-bit ROM address together with register
A and is used as a pointer within the specified page when the
TABP p, BLA p, or BMLA p instruction is executed (Figure 4).
(CY)
(M(DP))
(A)
Addition
ALU
<Carry>
<Result>
CY
A3 A2 A1 A0
A0
CY A3 A2 A1
<Rotation>
RAR instruction
<Set>
SC instruction
<Clear>
RC instruction
A3 A2 A1 A0
B3 B2 B1 B0
E7 E6 E5 E4 E3 E2 E1 E0
A3 A2 A1 A0
B3 B2 B1 B0
TAB instruction
TEAB instruction
TABE instruction
TBA instruction
Register B
Register A
Register B
Register A
Register E
Fig. 4 TABP p instruction execution example
Specifying address
TABP p instruction
p6 p5 p4
p3 p2 p1 p0
PCH
DR2 DR1 DR0 A3 A2 A1 A0
PCL
Immediate field
value p
The contents of
register D
ROM
84
0
Middle-order 4 bits
Low-order 4 bits
Register A (4)
Register B (4)
The contents of
register A
High-order 2 bits
Register B (4)
Register W5 (2)


Similar Part No. - M34570MD-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M34570MD-XXXFP RENESAS-M34570MD-XXXFP Datasheet
773Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results

Similar Description - M34570MD-XXXFP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com