Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT90TNLCEAC24VSF0.9 Datasheet(PDF) 3 Page - DB Lectro Inc

Part # NT90TNLCEAC24VSF0.9
Description  Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT90TNLCEAC24VSF0.9 Datasheet(HTML) 3 Page - DB Lectro Inc

  NT90TNLCEAC24VSF0.9 Datasheet HTML 1Page - DB Lectro Inc NT90TNLCEAC24VSF0.9 Datasheet HTML 2Page - DB Lectro Inc NT90TNLCEAC24VSF0.9 Datasheet HTML 3Page - DB Lectro Inc NT90TNLCEAC24VSF0.9 Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dimensions (Unit: mm)
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NT90T
2
Dimensions
Mounting (Bottom views)
Wiring diagram(Bottom views)
mm
inch
0.4
0.016
0.5
0.020
0.75
0.029
0.8
0.031
0.95
0.037
1.1
0.043
1.2
0.047
1.5
0.059
2.1
0.083
2.54
0.100
3.3
0.130
3.8
0.150
5.0
0.197
5.4
0.213
6
0.236
6.35
0.250
6.4
0.252
7.7
0.303
8
0.315
10
0.394
12.3
0.484
14
0.551
15.4
0.606
17.3
0.681
17.8
0.701
20
0.787
27.5
1.083
28
1.102
32.4
1.275
Wiring diagram(Top views)
NT90T (T91)
www.dblectro.com


Similar Part No. - NT90TNLCEAC24VSF0.9

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT90TNLCEDC110VC DBLECTRO-NT90TNLCEDC110VC Datasheet
1Mb / 5P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
NT90TNLCEDC110VI DBLECTRO-NT90TNLCEDC110VI Datasheet
1Mb / 5P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
NT90TNLCEDC110VS DBLECTRO-NT90TNLCEDC110VS Datasheet
1Mb / 5P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
NT90TNLCEDC12VC DBLECTRO-NT90TNLCEDC12VC Datasheet
1Mb / 5P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
NT90TNLCEDC12VI DBLECTRO-NT90TNLCEDC12VI Datasheet
1Mb / 5P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
More results

Similar Description - NT90TNLCEAC24VSF0.9

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT90 DBLECTRO-NT90 Datasheet
335Kb / 3P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
NT90TP DBLECTRO-NT90TP Datasheet
178Kb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
logo
HuaXinAn Electronics CO...
NT90T-B HUAXINAN-NT90T-B Datasheet
1Mb / 3P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
NT90-B HUAXINAN-NT90-B Datasheet
1Mb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
NT90-A HUAXINAN-NT90-A Datasheet
1Mb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
logo
DB Lectro Inc
JMX-94F DBLECTRO-JMX-94F_05 Datasheet
2Mb / 3P
   Well anti-shock and anti-vibration
NVFS DBLECTRO-NVFS_05 Datasheet
303Kb / 2P
   Small size and light weight. Heavy contact load (30A).
NVFS DBLECTRO-NVFS Datasheet
103Kb / 2P
   Small size and light weight. Heavy contact load (30A)
NT73-2 DBLECTRO-NT73-2 Datasheet
300Kb / 2P
   Small size, light weight, heavy reverse power. / Low coil power consumption.
logo
HuaXinAn Electronics CO...
JZC-22F2A HUAXINAN-JZC-22F2A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com