Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30610MCA-XXXFP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M30610MCA-XXXFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30610MCA-XXXFP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M30610MCA-XXXFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M30610MCA-XXXFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M30610MCA-XXXFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M30610MCA-XXXFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M30610MCA-XXXFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30610MCA-XXXFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30610MCA-XXXFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30610MCA-XXXFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M30610MCA-XXXFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 197 page
background image
Mitsubishi microcomputers
M16C / 61 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
6
Mitsubishi plans to release the following products in the M16C/61 group:
(1) Support for mask ROM version, external ROM version, one-time PROM version, and EPROM version
(2) ROM capacity
(3) Package
100P6S-A
: Plastic molded QFP (mask ROM version and one-time PROM version)
100P6Q-A
: Plastic molded QFP (mask ROM version and one-time PROM version)
100D0
: Ceramic LCC (EPROM version)
Figure 1.1.4. ROM expansion
The M16C/61 group products currently supported are listed in Table 2.
ROM
Size(Byte)
External
ROM
128 K
96 K
64 K
32 K
M30610M8A-XXXFP/GP
M30612M8A-XXXFP/GP
M30610MAA-XXXFP/GP
M30612MAA-XXXFP/GP
M30610MCA-XXXFP/GP
M30612MCA-XXXFP/GP
Mask ROM version
One-time PROM version
EPROM version
External ROM version
M30612E4FP/GP
M30610ECFP/GP
M30610ECFS
M30612SAFP/GP
M30610SAFP/GP
M30612M4A-XXXFP/GP
RAM capacity
ROM capacity
Package type
Remarks
Type No
M30612M4A-XXXFP
32K byte
4K byte
100P6S-A
Mask ROM version
M30612M4A-XXXGP
100P6Q-A
M30612M8A-XXXFP
64K byte
4K byte
100P6S-A
M30612M8A-XXXGP
100P6Q-A
M30610MAA-XXXFP
96K byte
10K byte
100P6S-A
M30612MAA-XXXFP
4K byte
100P6S-A
128K byte
M30610MCA-XXXFP
10K byte
100P6S-A
M30612MCA-XXXFP
5K byte
100P6S-A
One-time PROM version
32K byte
4K byte
M30612E4FP
100P6S-A
M30612E4GP
100P6Q-A
EPROM version (Note)
10K byte
M30610ECFS
128K byte
100D0
10K byte
M30610SAFP
100P6S-A
External ROM version
M30610SAGP
100P6Q-A
Apr. 1999
M30610MAA-XXXGP
100P6Q-A
M30612MAA-XXXGP
100P6Q-A
M30610MCA-XXXGP
M30610ECFP
128K byte
10K byte
100P6S-A
M30610ECGP
100P6Q-A
M30612MCA-XXXGP
100P6Q-A
100P6Q-A
Note: Do not use the EPROM version for mass production, because it is a tool for program development
(for evaluation).
4K byte
M30612SAFP
100P6S-A
M30612SAGP
100P6Q-A
M30610M8A-XXXFP
M30610M8A-XXXGP
100P6S-A
100P6Q-A
10K byte
Table 1.1.2. M16C/61 group


Similar Part No. - M30610MCA-XXXFP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M3060C VISHAY-M3060C Datasheet
157Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
M3060C VISHAY-M3060C Datasheet
146Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 13-Aug-13
M3060C VISHAY-M3060C Datasheet
123Kb / 5P
   Dual Common Cathode Schottky Rectifier
08-Feb-17
M3060C-E3/4W VISHAY-M3060C-E3/4W Datasheet
157Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
M3060C VISHAY-M3060C_15 Datasheet
146Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 13-Aug-13
More results

Similar Description - M30610MCA-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com