Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0811-1XX1-22 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0811-1XX1-22
Description  INTEGRATED CONNECTOR MODULES 10Base-T belMag?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0811-1XX1-22 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0811-1XX1-22 Datasheet HTML 1Page - Bel Fuse Inc. 0811-1XX1-22 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
10Base-T belMag™
©2001 Bel Fuse Inc.
Specifications subject to change without notice. 08.01
BM00822
INTEGRATED CONNECTOR MODULES
ELECTRICAL SPECIFICATIONS AT 25° C
SCHEMATIC
0811-1XX1-22
PIN
1
2
3
4
5
6
RCT
RD-
RD+
TD-
TD+
TCT
RJ-45
1 TX+
TX-
2
3 RX+
4
5
6
7
8
RX-
Shield
1CT : 2
1CT : 1
Shielded connector with integrated 10Base-T magnetics
Compatible with a variety of 10Base-T transceiver ICs
Operating temperature 0° to +70° C
Storage temperature -40° to +85° C
Reduced pin count for improved crosstalk and optimum
PCB trace routing
Complies with IEEE 802.3 standards and all 10Base-T
Ethernet standards
Integrated design conserves valuable board space
Minimum interwinding breakdown voltage of 1500 Vrms
Adaptable, modular design provides higher reliability
0811-1XX1-12
RJ45
TCT
1
2
3
4
5
6
TD+
TD-
RD+
RD-
RCT
Shield
1CT : 1.41
1CT : 1
1
2
3
4
5
6
7
8
TX+
TX-
RX+
RX-
r
e
b
m
u
N
t
r
a
P
s
s
o
L
n
o
i
t
r
e
s
n
I
x
a
m
B
d
s
s
o
L
n
r
u
t
e
R
n
i
m
B
d
n
o
m
m
o
C
o
t
n
o
m
m
o
C
n
o
i
t
c
e
j
e
R
e
d
o
M
n
i
m
B
d
k
l
a
t
s
s
o
r
C
n
i
m
B
d
L
C
O
n
i
m
H
µ
z
H
M
0
1
o
t
z
H
M
1
z
H
M
0
1
o
t
z
H
M
1
z
H
M
0
3
o
t
z
H
M
0
1
z
H
M
0
1
o
t
z
H
M
1
2
1
-
1
X
X
1
-
1
1
8
00
.
1
-5
1
-0
4
-0
4
-0
0
2
2
2
-
1
X
X
1
-
1
1
8
00
.
1
-8
1
-0
3
-5
3
-0
1
1
page 1


Similar Part No. - 0811-1XX1-22

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0811-1XX1-27 BEL-0811-1XX1-27 Datasheet
86Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T Extended Temp belMag?
More results

Similar Description - 0811-1XX1-22

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0811-1X1T-12 BEL-0811-1X1T-12 Datasheet
121Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T belMag?
0811-1XX1-27 BEL-0811-1XX1-27 Datasheet
86Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T Extended Temp belMag?
0810-1XX1-12 BEL-0810-1XX1-12 Datasheet
143Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T belMag??with LEDs
0811-1X1T-27 BEL-0811-1X1T-27 Datasheet
88Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T Extended Temp belMag
0810-1X1T-12 BEL-0810-1X1T-12 Datasheet
138Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T belMag??with LEDs
0810-1XX1-27 BEL-0810-1XX1-27 Datasheet
115Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T Extended Temp belMag??with LEDs
0810-1X1T-27 BEL-0810-1X1T-27 Datasheet
111Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T Extended Temp belMag with LEDs
0813-1X1T-23 BEL-0813-1X1T-23 Datasheet
146Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit belMag?
0811-1X1T-01 BEL-0811-1X1T-01 Datasheet
133Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belMag?
0811-1XX1-01 BEL-0811-1XX1-01 Datasheet
133Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belMag
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com