Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0811-2X8T-28 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0811-2X8T-28
Description  INTEGRATED CONNECTOR MODULES BM01815 10/100Base-TX belStack?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0811-2X8T-28 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0811-2X8T-28 Datasheet HTML 1Page - Bel Fuse Inc. 0811-2X8T-28 Datasheet HTML 2Page - Bel Fuse Inc. 0811-2X8T-28 Datasheet HTML 3Page - Bel Fuse Inc. 0811-2X8T-28 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2001 Bel Fuse Inc. Specifications subject to change without notice. 08.01
BM01815
10/100Base-TX belStack™
INTEGRATED CONNECTOR MODULES
SCHEMATIC
0811-2X8T-28
0811-2X8T-30
page 2
1CT : 1
1CT : 1
1
2
3
4
6
TCT
TD+
TD-
RD+
RD-
RCT
1
2
3
4
5
6
7
TX+
TX-
RX+
RX-
8
Shield
RJ45
Pin
GND
7
8
1000pF
2kV
75
x 4
1CT : 1
1CT : 1
TCT 1
TD+ 2
TD-
3
RD+ 4
RD-
5
RCT
6
1 TX+
2 TX-
3 RX+
4
5
6 RX-
7
8
Shield
RJ45
7
1000pF
2kV
75
x 4
Pin
N/C
8


Similar Part No. - 0811-2X8T-28

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0811-2X8R-19 BEL-0811-2X8R-19 Datasheet
114Kb / 3P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX MagJack 2 x 8
0811-2X8R-28 BEL-0811-2X8R-28 Datasheet
119Kb / 3P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX MagJack 2 x 8
More results

Similar Description - 0811-2X8T-28

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0811-2X6T-18 BEL-0811-2X6T-18 Datasheet
186Kb / 4P
   INTEGRATED CONNECTOR MODULES BM01814 10/100Base-TX belStack?
0811-1X4T-03 BEL-0811-1X4T-03 Datasheet
182Kb / 4P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belStick
0811-1X1T-01 BEL-0811-1X1T-01 Datasheet
133Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belMag?
0811-1XX1-01 BEL-0811-1XX1-01 Datasheet
133Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belMag
0811-1XX4-03 BEL-0811-1XX4-03 Datasheet
122Kb / 2P
   INTEGRATED CONNECTOR MODULES BM01819 10/100Base-TX belStick?
0810-1XX4-03 BEL-0810-1XX4-03 Datasheet
143Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belStick??with LEDs
0810-1X1T-01 BEL-0810-1X1T-01 Datasheet
156Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belMag??with LEDs
0810-1X4T-03 BEL-0810-1X4T-03 Datasheet
211Kb / 4P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belStick??with LEDs
0811-1X1T-06 BEL-0811-1X1T-06 Datasheet
120Kb / 3P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX Single Port MagJack
C893-1AX1-E1 BEL-C893-1AX1-E1 Datasheet
202Kb / 4P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX MagJack with LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com