Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2809PW-2 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2809PW-2
Description  Economy Primary Side Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2809PW-2 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC2809PW-2 Datasheet HTML 3Page - Texas Instruments UCC2809PW-2 Datasheet HTML 4Page - Texas Instruments UCC2809PW-2 Datasheet HTML 5Page - Texas Instruments UCC2809PW-2 Datasheet HTML 6Page - Texas Instruments UCC2809PW-2 Datasheet HTML 7Page - Texas Instruments UCC2809PW-2 Datasheet HTML 8Page - Texas Instruments UCC2809PW-2 Datasheet HTML 9Page - Texas Instruments UCC2809PW-2 Datasheet HTML 10Page - Texas Instruments UCC2809PW-2 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UCC2809D-1
ACTIVE
SOIC
D
8
75
None
CU NIPDAU
Level-1-220C-UNLIM
UCC2809D-2
ACTIVE
SOIC
D
8
75
None
CU NIPDAU
Level-1-220C-UNLIM
UCC2809DTR-1
ACTIVE
SOIC
D
8
2500
None
CU NIPDAU
Level-1-220C-UNLIM
UCC2809DTR-2
ACTIVE
SOIC
D
8
2500
None
CU NIPDAU
Level-1-220C-UNLIM
UCC2809P-1
ACTIVE
MSOP
DGK
8
80
None
CU NIPDAU
Level-1-220C-UNLIM
UCC2809P-2
ACTIVE
MSOP
DGK
8
80
None
CU NIPDAU
Level-1-220C-UNLIM
UCC2809PTR-1
ACTIVE
MSOP
DGK
8
2500
None
CU NIPDAU
Level-1-220C-UNLIM
UCC2809PTR-1G4
PREVIEW
MSOP
DGK
8
2500
None
Call TI
Call TI
UCC2809PTR-2
ACTIVE
MSOP
DGK
8
2500
None
CU NIPDAU
Level-1-220C-UNLIM
UCC2809PW-1
ACTIVE
TSSOP
PW
8
150
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC2809PW-2
ACTIVE
TSSOP
PW
8
150
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC2809PWTR-1
ACTIVE
TSSOP
PW
8
2000
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC2809PWTR-2
ACTIVE
TSSOP
PW
8
2000
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC3809D-1
ACTIVE
SOIC
D
8
75
None
CU NIPDAU
Level-1-220C-UNLIM
UCC3809D-2
ACTIVE
SOIC
D
8
75
None
CU NIPDAU
Level-1-220C-UNLIM
UCC3809DTR-1
ACTIVE
SOIC
D
8
2500
None
CU NIPDAU
Level-1-220C-UNLIM
UCC3809DTR-2
ACTIVE
SOIC
D
8
2500
None
CU NIPDAU
Level-1-220C-UNLIM
UCC3809N-1
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
UCC3809N-2
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
UCC3809P-1
ACTIVE
MSOP
DGK
8
80
None
CU NIPDAU
Level-1-220C-UNLIM
UCC3809P-2
ACTIVE
MSOP
DGK
8
80
None
CU NIPDAU
Level-1-220C-UNLIM
UCC3809PTR-1
ACTIVE
MSOP
DGK
8
2000
None
CU NIPDAU
Level-1-220C-UNLIM
UCC3809PW-1
ACTIVE
TSSOP
PW
8
150
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC3809PW-2
ACTIVE
TSSOP
PW
8
150
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC3809PWTR-1
ACTIVE
TSSOP
PW
8
2000
None
CU NIPDAU
Level-2-220C-1 YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
PACKAGE OPTION ADDENDUM
www.ti.com
4-Mar-2005
Addendum-Page 1


Similar Part No. - UCC2809PW-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2809PW-2 TI-UCC2809PW-2 Datasheet
390Kb / 16P
[Old version datasheet]   Economy Primary Side Controller
UCC2809PW-2 TI1-UCC2809PW-2 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
UCC2809PW-2G4 TI-UCC2809PW-2G4 Datasheet
390Kb / 16P
[Old version datasheet]   Economy Primary Side Controller
More results

Similar Description - UCC2809PW-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1809-1 TI-UCC1809-1_07 Datasheet
390Kb / 16P
[Old version datasheet]   Economy Primary Side Controller
UCC1809-1 TI1-UCC1809-1_16 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
Texas Instruments
UCC2960 TI1-UCC2960_14 Datasheet
215Kb / 14P
[Old version datasheet]   PRIMARY-SIDE STARTUP CONTROLLER
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Texas Instruments
UCC2961 TI1-UCC2961 Datasheet
256Kb / 17P
[Old version datasheet]   ADVANVED PRIMARY-SIDE STARTUP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com