Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSM1206KBBW Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VSM1206KBBW
Description  Bulk Metal짰 Foil Technology Discrete High Precision Surface Mount Chip Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSM1206KBBW Datasheet(HTML) 1 Page - Vishay Siliconix

  VSM1206KBBW Datasheet HTML 1Page - Vishay Siliconix VSM1206KBBW Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 63090
Revision 21-May-03
www.vishay.com
24
VSM1206
Vishay Foil Resistors
VISHAY FOIL • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31
• GERMANY +49.9287.710 FAX: +49 9287.70435
• ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999
• JAPAN +81.3.5464.6411 FAX: +81.3.5464.6433
• SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581
• UK +44 191 514 8237 FAX: +44 1953 457 722
• USA +1 610 407-4800 FAX: +1 610 640-9081
Bulk Metal
® Foil Technology
Discrete High Precision Surface Mount Chip Resistor
FEATURES
• High Precision: Tolerance to ± 0.01% (see table 1)
• Low Temperature Coefficient of Resistance:
Nominal TCR: + 0.5ppm/°C (- 55°C to + 125°C)
• Resistance Range: 10Ω to 30KΩ
• Load Life Stability: ± 0.01% maximum ∆R under full
rated power at + 70°C for 2000 hours.
• Shelf Life Stability: 50ppm/year (0.005%) maximum ∆R
non-hermetically sealed
• Power Rating at + 70°C: 125mW
• Maximum Working Voltage: 61V
• Maximum Weight: 11mg
•Voltage Coefficient: < 0.00001%/volt (< 0.1ppm/V)
• Current Noise: < 0.01µV(rms)/volt of applied voltage
• Non Inductive: < 0.08nH
The VSM1206 Precision Surface Mount Chip Resistor utilizes
Ultra Precision Bulk Metal
® Z Foil (BMZF) for the resistive
element.
The BMZF technology provides inherently an extremely low
and predictable Temperature Coefficient of Resistance
(TCR), remarkable load life stability, low noise and availability
of tight tolerance.
The TCR is a process capability not a selection process and
for most of the range is independent of ohmic value and lot
related variations. The TCR curve on Fig. 1 demonstrates
the new revolutionary Z Foil with its TCR nominal of
0.5ppm/°C.
A voltage divider can be fashioned by using two arbitrarily
selected VSM1206s with a resultant tracking specification
of < 3ppm/°C. Extremely low tracking of < 1ppm/°C can be
supplied upon request.
The VSM1206 has a conventional full wrap around robust
termination which insures safe handling during manufacturing
process, as well as providing stability during the multiple
thermal cyclings it will see over its service life.
The availability of tight absolute tolerance provides a good
cost solution for the variability of other components when
compiling the total error budget. BMZF offers the best
stability available; and is more than an order of magnitude
better than thin film technology. The noise generated by
the resistor is non measurable and its design and
construction make it well suited for high frequency
applications. The BMZF is the ultimate resistor component
for analog applications.
*Tighter tolerances are available. Please contact Vishay Application Engineering.
**Over MIL range (- 55°C to + 125°C, + 25°C reference)
The TCR for values < 100Ω are influenced by the termination
composition and result in a deviation from this curve.
Product may not
be to scale
Z Foil 0.5PPM/
°C
- 50
- 25
0
+ 25
+ 50
+ 75
+ 100
+ 125
∆R
R
(PPM)
Ambient Temperature (
°C)
+ 150
+ 100
+ 50
0
- 50
- 100
- 150
- 200
- 55
FIGURE 1 - NOMINAL TCR CURVE
TABLE 1 TOLERANCE AND TCR VS
RESISTANCE VALUE
VALUE
STANDARD
MAXIMUM
(
)TOLERANCE* (%)
TCR**
100Ω to 30KΩ
± 0.01
± 2ppm/°C
50Ω to < 100Ω
± 0.05
± 3ppm/°C
25Ω to < 50Ω
± 0.1
± 3ppm/°C
10Ω to < 25Ω
± 0.25
± 4ppm/°C


Similar Part No. - VSM1206KBBW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSM1506 VISHAY-VSM1506 Datasheet
120Kb / 2P
   Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 17-Aug-04
More results

Similar Description - VSM1206KBBW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMRC1D VISHAY-SMRC1D Datasheet
84Kb / 3P
   Bulk Metal짰 Foil Technology Surface Mount Precision Resistor
Revision 26-Mar-02
VSM1506 VISHAY-VSM1506 Datasheet
120Kb / 2P
   Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 17-Aug-04
SMR1D VISHAY-SMR1D_07 Datasheet
134Kb / 5P
   High Precision Bulk Metal짰 Foil Molded Surface Mount Resistor
Revision: 14-Nov-07
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 23-Dec-03
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 16-Aug-04
VSM0805 VISHAY-VSM0805 Datasheet
66Kb / 2P
   Bulk Metal Foil Technology Discrete Surface Mount Chip Resistors
Revision 17-Aug-04
VSMP1206 VISHAY-VSMP1206 Datasheet
84Kb / 2P
   Z-Based Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor High Power - Excellent Long Term Stabilty
Revision 28-Oct-04
Y162612K7560T9R VISHAY-Y162612K7560T9R Datasheet
156Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 24-Mar-09
Y40625K00000Q0R VISHAY-Y40625K00000Q0R Datasheet
1Mb / 7P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 20-Mar-12
VSMP VISHAY-VSMP_10 Datasheet
393Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 25-Mar-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com