Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSM1206RCBW Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSM1206RCBW
Description  Bulk Metal짰 Foil Technology Discrete High Precision Surface Mount Chip Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSM1206RCBW Datasheet(HTML) 2 Page - Vishay Siliconix

  VSM1206RCBW Datasheet HTML 1Page - Vishay Siliconix VSM1206RCBW Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
25
VSM1206
Vishay Foil Resistors
Document Number: 63090
Revision 21-May-03
VISHAY FOIL • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31
• GERMANY +49.9287.710 FAX: +49 9287.70435
• ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999
• JAPAN +81.3.5464.6411 FAX: +81.3.5464.6433
• SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581
• UK +44 191 514 8237 FAX: +44 1953 457 722
• USA +1 610 407-4800 FAX: +1 610 640-9081
MODEL
CHIP SIZE
RESISTANCE VALUE
TOLERANCE
TERMINATION
PACKAGING
VSM
1206
RESISTANCE
LETTER
MULTIPLIER
T ± 0.01%
B = Solderable
T = Tape and
RANGE
DESIGNATOR
FACTOR
Q ± 0.02%
Reel
A ± 0.05%
W = Waffle
10Ω to < 1KΩ
Rx 1.0
B ± 0.1%
Pack
Example: 249R00 = 249Ω
C ± 0.25%
D ± 0.5%
1K to 30K
K
x 10
3
F ± 1.0%
Example: 10K000 = 10.0KΩ
TABLE 4 - ORDERING INFORMATION
D
T
W
L
Footprint
G
Z
X
Uncoated
Ceramic
TABLE 3 - DIMENSIONS AND LAND PATTERN in inches (millimeters)
Bulk Metal
® Foil Technology
Discrete High Precision Surface Mount Chip Resistor
*Land Pattern Dimensions are per IPC-782
Bottom View for Mounting
Recommended Land Pattern
LWT
D
Z*
G*
X*
± 0.005 [0.13]
± 0.005 [0.13]
MAXIMUM
± 0.005 [0.13]
MAXIMUM
MINIMUM
MAXIMUM
0.126
0.062
0.025
0.020
0.175
0.059
0.071
[3.2]
[1.57]
[0.64]
[0.50]
[4.4]
[1.5]
[1.806]
*As shown + 0.01 Ohms to allow for measurement errors at low values.
FIGURE 2 - DERATING CURVE
125
100
75
50
25
0
-75
–50
–25
0
+25
+50
+75
+100 +125 +150 +175
Ambient Temperature (°C)
–55°C
+70°C
Rated Power
25% to 85% of T
FIGURE 3 - RECOMMENDED MOUNTING
A low profile solder fillet is
recommended to avoid unnecessary
stresses along top edge of
metallization. IR and vapor phase
reflow are best. Avoid the use of
cleaning agents which could attack
epoxy resins, which form part of the
resistor construction.
TEST
MIL-PRF-55342G
VSM1206
CHARACTERISTIC E
MAXIMUM
R LIMITS
R LIMITS*
Thermal Shock
± 0.10%
± 0.02%
Low Temperature Operation
± 0.10%
± 0.02%
Short Time Overload
± 0.10%
± 0.02%
High Temperature Exposure
± 0.10%
± 0.03%
Resistance to Bonding
± 0.20%
± 0.01%
Moisture Resistance
± 0.20%
± 0.03%
Life 2000 hours @ + 70
°C
± 0.50%
± 0.01%
TABLE 2 - TYPICAL PERFORMANCE SPECIFICATIONS


Similar Part No. - VSM1206RCBW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSM1506 VISHAY-VSM1506 Datasheet
120Kb / 2P
   Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 17-Aug-04
More results

Similar Description - VSM1206RCBW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMRC1D VISHAY-SMRC1D Datasheet
84Kb / 3P
   Bulk Metal짰 Foil Technology Surface Mount Precision Resistor
Revision 26-Mar-02
VSM1506 VISHAY-VSM1506 Datasheet
120Kb / 2P
   Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor
Revision 17-Aug-04
SMR1D VISHAY-SMR1D_07 Datasheet
134Kb / 5P
   High Precision Bulk Metal짰 Foil Molded Surface Mount Resistor
Revision: 14-Nov-07
SMR1D VISHAY-SMR1D Datasheet
69Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 23-Dec-03
SMR3D VISHAY-SMR3D Datasheet
148Kb / 3P
   Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
Revision 16-Aug-04
VSM0805 VISHAY-VSM0805 Datasheet
66Kb / 2P
   Bulk Metal Foil Technology Discrete Surface Mount Chip Resistors
Revision 17-Aug-04
VSMP1206 VISHAY-VSMP1206 Datasheet
84Kb / 2P
   Z-Based Bulk Metal Foil Technology Discrete High Precision Surface Mount Chip Resistor High Power - Excellent Long Term Stabilty
Revision 28-Oct-04
Y162612K7560T9R VISHAY-Y162612K7560T9R Datasheet
156Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 24-Mar-09
Y40625K00000Q0R VISHAY-Y40625K00000Q0R Datasheet
1Mb / 7P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 20-Mar-12
VSMP VISHAY-VSMP_10 Datasheet
393Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 25-Mar-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com