Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4050BEM3X-2.0 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4050BEM3X-2.0
Description  Precision Micropower Shunt Voltage Reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4050BEM3X-2.0 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4050BEM3X-2.0 Datasheet HTML 1Page - National Semiconductor (TI) LM4050BEM3X-2.0 Datasheet HTML 2Page - National Semiconductor (TI) LM4050BEM3X-2.0 Datasheet HTML 3Page - National Semiconductor (TI) LM4050BEM3X-2.0 Datasheet HTML 4Page - National Semiconductor (TI) LM4050BEM3X-2.0 Datasheet HTML 5Page - National Semiconductor (TI) LM4050BEM3X-2.0 Datasheet HTML 6Page - National Semiconductor (TI) LM4050BEM3X-2.0 Datasheet HTML 7Page - National Semiconductor (TI) LM4050BEM3X-2.0 Datasheet HTML 8Page - National Semiconductor (TI) LM4050BEM3X-2.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LM4050-2.5
Electrical Characteristics
Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. The grades A, B and C designate initial
Reverse Breakdown Voltage tolerances of ±0.1%, ±0.2%, and 0.5% respectively.
Symbol
Parameter
Conditions
Typical
(Note 4)
LM4050AIM3
LM4050AEM3
Limits
(Note 5)
LM4050BIM3
LM4050BEM3
Limits
(Note 5)
LM4050CIM3
LM4050CEM3
Limits
(Note 5)
Units
(Limit)
VR
Reverse Breakdown Voltage
IR = 100 µA
2.500
V
Reverse Breakdown Voltage
Tolerance (Note 6)
IR = 100 µA
±2.5
±5.0
±13
mV (max)
Industrial Temp. Range
±11
±14
±21
mV (max)
Extended Temp. Range
±15
±18
±25
mV (max)
IRMIN
Minimum Operating Current
41
µA
60
60
60
µA (max)
65
65
65
µA (max)
∆VR/∆T
Average Reverse Breakdown
Voltage Temperature Coefficient
(Note 6)
IR =10 mA
±20
ppm/˚C
IR =1 mA
±15
ppm/˚C
IR = 100 µA
±15
±50
±50
±50
ppm/˚C (max)
∆VR/∆IR
Reverse Breakdown Voltage
Change with Operating Current
Change (Note 7)
IRMIN ≤ IR ≤ 1 mA
0.3
mV
0.8
0.8
0.8
mV (max)
1.2
1.2
1.2
mV (max)
1mA
≤ IR ≤ 15 mA
2.3
mV
6.0
6.0
6.0
mV (max)
8.0
8.0
8.0
mV (max)
ZR
Reverse Dynamic Impedance
IR = 1 mA, f = 120 Hz, IAC
= 0.1 IR
0.3
eN
Wideband Noise
IR = 100 µA
41
µVrms
10 Hz
≤ f ≤ 10 kHz
∆VR
Reverse Breakdown Voltage
Long Term Stability
t = 1000 hrs
T = 25˚C ±0.1˚C
IR = 100 µA
120
ppm
VHYST
Thermal Hysteresis
(Note 8)
∆T = −40˚C to 125˚C
0.7
mV
LM4050-4.1
Electrical Characteristics
Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. The grades A, B and C designate initial
Reverse Breakdown Voltage tolerances of ±0.1%, ±0.2%, and 0.5% respectively.
Symbol
Parameter
Conditions
Typical
(Note 4)
LM4050AIM3
LM4050AEM3
Limits
(Note 5)
LM4050BIM3
LM4050BEM3
Limits
(Note 5)
LM4050CIM3
LM4050CEM3
Limits
(Note 5)
Units
(Limit)
VR
Reverse Breakdown Voltage
IR = 100 µA
4.096
V
Reverse Breakdown Voltage
Tolerance (Note 6)
IR = 100 µA
±4.1
±8.2
±21
mV (max)
Industrial Temp. Range
±18
±22
±34
mV (max)
Extended Temp. Range
±25
±29
±41
mV (max)
IRMIN
Minimum Operating Current
52
µA
68
68
68
µA (max)
Industrial Temp. Range
73
73
73
µA (max)
Extended Temp. Range
78
78
78
µA (max)
∆VR/∆T
Average Reverse Breakdown
Voltage Temperature Coefficient
(Note 6)
IR =10 mA
±30
ppm/˚C
IR =1 mA
±20
ppm/˚C
IR = 100 µA
±20
±50
±50
±50
ppm/˚C (max)
∆VR/∆IR
Reverse Breakdown Voltage
Change with Operating Current
Change (Note 7)
IRMIN ≤ IR ≤ 1 mA
0.2
mV
0.9
0.9
0.9
mV (max)
1.2
1.2
1.2
mV (max)
1mA
≤ IR ≤ 15 mA
2.0
mV
7.0
7.0
7.0
mV (max)
10.0
10.0
10.0
mV (max)
www.national.com
5


Similar Part No. - LM4050BEM3X-2.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4050BEM3X-2.0 TI1-LM4050BEM3X-2.0 Datasheet
324Kb / 20P
[Old version datasheet]   LM4050/LM4050Q Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4050BEM3X-2.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com