Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A41-43-12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A41-43-12
Description  International Standards at Lower Cost and Better Performance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

A41-43-12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A41-43-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers A41-43-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2006 Signal Transformer Inc. Specifications subject to change without notice. 07.06
SM
500 Bayview Avenue, Inwood, NY 11096
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
sales@signaltransformer.com • techhelp@signaltransformer.com
www.signaltransformer.com
1
International Standards at Lower Cost and Better Performance
All-4-One™ International Transformers
Chassis Mount
Designed to provide the high isolation, creepage and clearance necessary
to comply with international safety standards.
General Specifications
• Power - 25 VA to 175 VA
• Dielectric Strength - 4000 VRMS Hipot
• Primaries - Dual primaries (115/230 V - 50/60 Hz)
• Dual Secondaries - Series or parallel
• Terminals - Solder lug / quick connect type terminals
• Leakage - Current meets UL 60601-1, IEC/EN 60601-1
• Insulation - Class F (155º C)
• Flammability Rating - Bobbin and shroud material meet UL 94-V0
Agency Certifications
• UL 1446 E66312
• UL recognized to UL 506, File # E63829
• CSA certified to C22.2 #66, File # 221070
• VDE certified to VDE 0805 / EN 60950, File # 1448
• Agency certified versions available with lead wires
�����������������������
����
��������
��
����
��������
��
��
Part Number
VA
Secondary RMS Rating
Size
Series
Parallel
A41-25-10
25
10VCT @ 2.5A
5V @ 5.0A
A41-43-10
43
10VCT @ 4.3A
5V @ 8.6A
A41-80-10
80
10VCT @ 8.0A
5V @ 16.0A
A41-130-10
130
10VCT @ 13.0A
5V @ 26.0A
A41-175-10
175
10VCT @ 17.5A
5V @ 35.0A
A41-25-12
25
12.6VCT @ 2.0A
6.3V @ 4.0A
A41-43-12
43
12.6VCT @ 3.4A
6.3V @ 6.8A
A41-80-12
80
12.6VCT @ 6.3A
6.3V @ 12.6A
A41-130-12
130
12.6VCT @ 10.3A
6.3V @ 20.6A
A41-175-12
175
12.6VCT @ 14.0A
6.3V @ 28.0A
A41-25-16
25
16VCT @ 1.6A
8V @ 3.2A
A41-43-16
43
16VCT @ 2.7A
8V @ 5.4A
A41-80-16
80
16VCT @ 5.0A
8V @ 10.0A
A41-130-16
130
16VCT @ 8.1A
8V @ 16.2A
A41-175-16
175
16VCT @ 11.0A
8V @ 22.0A
A41-25-20
25
20VCT @ 1.25A
10V @ 2.5A
A41-43-20
43
20VCT @ 2.2A
10V @ 4.4A
A41-80-20
80
20VCT @ 4.0A
10V @ 8.0A
A41-130-20
130
20VCT @ 6.5A
10V @ 13.0A
A41-175-20
175
20VCT @ 8.8A
10V @ 17.6A
A41-25-24
25
24VCT @ 1.0A
12V @ 2.0A
A41-43-24
43
24VCT @ 1.8A
12V @ 3.6A
A41-80-24
80
24VCT @ 3.3A
12V @ 6.6A
A41-130-24
130
24VCT @ 5.4A
12V @ 10.8A
A41-175-24
175
24VCT @ 7.3A
12V @ 14.6A
A41-25-28
25
28VCT @ 0.9A
14V @ 1.86A
A41-43-28
43
28VCT @ 1.5A
14V @ 3.0A
A41-80-28
80
28VCT @ 2.8A
14V @ 5.6A
A41-130-28
130
28VCT @ 4.6A
14V @ 9.2A
A41-175-28
175
28VCT @ 6.25A
14V @ 12.5A
A41-25-36
25
36VCT @ 0.7A
18V @ 1.4A
A41-43-36
43
36VCT @ 1.2A
18V @ 2.4A
A41-80-36
80
36VCT @ 2.2A
18V @ 4.4A
A41-130-36
130
36VCT @ 3.6A
18V @ 7.2A
A41-175-36
175
36VCT @ 4.8A
18V @ 9.6A
A41-25-230
25
230VCT @ 0.11A
115V @ 0.22A
A41-43-230
43
230VCT @ 0.19A
115V @ 0.38A
A41-80-230
80
230VCT @ 0.35A
115V @ 0.7A
A41-130-230
130
230VCT @ 0.57A
115V @ 1.14A
A41-175-230
175
230VCT @ 0.76A
115V @ 1.52A
Note: VDE certified lead wire versions available.


Similar Part No. - A41-43-12

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
A41-43-12 SUPERWORLD-A41-43-12 Datasheet
155Kb / 2P
   Power Transformer
logo
Bel Fuse Inc.
A41-43-12 BEL-A41-43-12 Datasheet
1Mb / 3P
   International Standards at Lower Cost and Better Performance
logo
Pulse A Technitrol Comp...
A41-43-12A8 PULSE-A41-43-12A8 Datasheet
160Kb / 1P
   Laminated Transformers Low Frequency, Open-Style Laminated, International High Power Series
logo
Bel Fuse Inc.
A41-43-12L BEL-A41-43-12L Datasheet
1,017Kb / 3P
   International Standards at Lower Cost and Better Performance
More results

Similar Description - A41-43-12

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
A41 BEL-A41 Datasheet
1Mb / 3P
   International Standards at Lower Cost and Better Performance
A41-L BEL-A41-L Datasheet
1,017Kb / 3P
   International Standards at Lower Cost and Better Performance
logo
International Rectifier
IRFB4019PBF IRF-IRFB4019PBF_15 Datasheet
287Kb / 8P
   Low QRR for Better THD and Lower EMI
logo
Omron Electronics LLC
G3H203SLNDC24 OMRON-G3H203SLNDC24 Datasheet
372Kb / 6P
   New Models with International Standards
logo
TE Connectivity Ltd
W28 TEC-W28 Datasheet
426Kb / 2P
   Approved to many international standards
logo
Axiomtek Co., Ltd.
NA560 AXIOMTEK-NA560 Datasheet
234Kb / 1P
   Smart Fan for better thermal and acoustic performance
logo
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
logo
RFHIC
AE510 RFHIC-AE510 Datasheet
1Mb / 6P
   Lower manufacturing cost
AE512 RFHIC-AE512 Datasheet
1Mb / 6P
   Lower manufacturing cost
logo
Littelfuse
216.050P LITTELFUSE-216.050P Datasheet
218Kb / 2P
   Designed to International Standards for use globally
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com