Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APK3020SGC Datasheet(PDF) 4 Page - Kingbright Corporation

Part # APK3020SGC
Description  3.0 X 2.0MM SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APK3020SGC Datasheet(HTML) 4 Page - Kingbright Corporation

  APK3020SGC Datasheet HTML 1Page - Kingbright Corporation APK3020SGC Datasheet HTML 2Page - Kingbright Corporation APK3020SGC Datasheet HTML 3Page - Kingbright Corporation APK3020SGC Datasheet HTML 4Page - Kingbright Corporation APK3020SGC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Kingbright
®
APK3020SGC-V.1#4
APK3020SGC SMT Reflow Soldering Instructions
APK3020SGC Recommended Soldering Pattern
(Units : mm)


Similar Part No. - APK3020SGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APK3020SURC KINGBRIGHT-APK3020SURC Datasheet
102Kb / 4P
   DH InGaAIP on GaAs substrate Light Emitting Diode.
APK3020SURCK KINGBRIGHT-APK3020SURCK Datasheet
107Kb / 4P
   SMD CHIP LED LAMP
More results

Similar Description - APK3020SGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KPK-3020PBC KINGBRIGHT-KPK-3020PBC Datasheet
95Kb / 4P
   3.0 X 2.0mm SMD SHIP LED LAMP
APA3010SURC KINGBRIGHT-APA3010SURC Datasheet
108Kb / 4P
   3.0 x 1.0mm SMD CHIP LED LAMP
APK3020MBC KINGBRIGHT-APK3020MBC Datasheet
99Kb / 4P
   3.0 X 2.0 mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
KPL-3015QBC-D TO-GRACE-KPL-3015QBC-D Datasheet
866Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015ZGC TO-GRACE-KPL-3015ZGC Datasheet
814Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015CGCK TO-GRACE-KPL-3015CGCK Datasheet
876Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
logo
Kingbright Corporation
APL3015ZGCK-F01 KINGBRIGHT-APL3015ZGCK-F01 Datasheet
287Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
KPL-3015SECK TO-GRACE-KPL-3015SECK Datasheet
867Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015EC TO-GRACE-KPL-3015EC Datasheet
867Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015SURCK TO-GRACE-KPL-3015SURCK Datasheet
816Kb / 4P
   3.0 mm x 1.5 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com