Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV86DB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LV86DB
Description  Quad 2-input EXCLUSIVE-OR gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV86DB Datasheet(HTML) 3 Page - NXP Semiconductors

  74LV86DB Datasheet HTML 1Page - NXP Semiconductors 74LV86DB Datasheet HTML 2Page - NXP Semiconductors 74LV86DB Datasheet HTML 3Page - NXP Semiconductors 74LV86DB Datasheet HTML 4Page - NXP Semiconductors 74LV86DB Datasheet HTML 5Page - NXP Semiconductors 74LV86DB Datasheet HTML 6Page - NXP Semiconductors 74LV86DB Datasheet HTML 7Page - NXP Semiconductors 74LV86DB Datasheet HTML 8Page - NXP Semiconductors 74LV86DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LV86
Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
3
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1, 4, 9, 12
1A – 4A
Data inputs
2, 5, 10, 13
1B – 4B
Data inputs
3, 6, 8, 11
1Y – 4Y
Data outputs
7
GND
Ground (0 V)
14
VCC
Positive supply voltage
LOGIC SYMBOL
4B
4A
SV00480
1A
1B
2A
2B
3B
3A
1Y
2Y
3Y
4Y
1
2
4
5
13
12
10
9
3
6
11
8
FUNCTION TABLE
INPUTS
OUTPUTS
nA
nB
nY
L
L
L
L
H
H
H
L
H
H
H
L
NOTES:
H = HIGH voltage level
L
= LOW voltage level
LOGIC DIAGRAM (ONE GATE)
SV00478
A
B
Y
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCC
DC supply voltage
See Note 1
1.0
3.3
5.5
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
Tamb
Operating ambient temperature range in free air
See DC and AC
characteristics
–40
–40
+85
+125
°C
tr, tf
Input rise and fall times
VCC = 1.0V to 2.0 V
VCC = 2.0V to 2.7 V
VCC = 2.7V to 3.6 V
VCC = 3.6V to 5.5 V
500
200
100
50
ns/V
NOTE:
1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from
VCC = 1.2V to VCC = 5.5 V.
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134).
Voltages are referenced to GND (ground = 0V).
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
"IIK
DC input diode current
VI < –0.5 or VI > VCC + 0.5V
20
mA
"IOK
DC output diode current
VO < –0.5 or VO > VCC + 0.5V
50
mA
"IO
DC output source or sink current
– standard outputs
–0.5V < VO < VCC + 0.5V
25
mA
"IGND,
"ICC
DC VCC or GND current for types with
– standard outputs
50
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
– plastic DIL
– plastic mini-pack (SO)
– plastic shrink mini-pack (SSOP and TSSOP)
for temperature range: –40 to +125
°C
above +70
°C derate linearly with 12 mW/K
above +70
°C derate linearly with 8 mW/K
above +60
°C derate linearly with 5.5 mW/K
750
500
400
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Similar Part No. - 74LV86DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV86DB NXP-74LV86DB Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Nexperia B.V. All right...
74LV86DB NEXPERIA-74LV86DB Datasheet
218Kb / 16P
   Quad 2-input exclusive-OR gate
Rev. 03 - 27 November 2007
More results

Similar Description - 74LV86DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74AC86 HITACHI-HD74AC86 Datasheet
43Kb / 7P
   Quad 2-Input Exclusive-OR-Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com