Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC07A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC07A
Description  Hex buffer with open-drain outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC07A Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC07A Datasheet HTML 1Page - NXP Semiconductors 74LVC07A Datasheet HTML 2Page - NXP Semiconductors 74LVC07A Datasheet HTML 3Page - NXP Semiconductors 74LVC07A Datasheet HTML 4Page - NXP Semiconductors 74LVC07A Datasheet HTML 5Page - NXP Semiconductors 74LVC07A Datasheet HTML 6Page - NXP Semiconductors 74LVC07A Datasheet HTML 7Page - NXP Semiconductors 74LVC07A Datasheet HTML 8Page - NXP Semiconductors 74LVC07A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2000 Mar 07
4
Philips Semiconductors
Product specification
Hex buffer with open-drain outputs
74LVC07A
MNA534
handbook, halfpage
1A
2A
3A
4A
5A
6A
1Y
2Y
3Y
4Y
5Y
6Y
2
1
1
4
3
6
5
8
9
10
11
12
13
1
1
1
1
1
Fig.3 IEC logic symbol.
Fig.4 Logic diagram (one gate).
MNA533
handbook, halfpage
GND
A
Y


Similar Part No. - 74LVC07A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC07A DIODES-74LVC07A Datasheet
209Kb / 10P
   HEX BUFFERS WITH OPEN DRAIN OUTPUTS
logo
NXP Semiconductors
74LVC07A NXP-74LVC07A Datasheet
160Kb / 14P
   Hex buffer with open-drain outputs
Rev. 5-27 October 2011
logo
ON Semiconductor
74LVC07A ONSEMI-74LVC07A Datasheet
107Kb / 7P
   Low-Voltage CMOS Hex Buffer
June, 2015 ??Rev. P0
74LVC07A ONSEMI-74LVC07A Datasheet
105Kb / 7P
   Low-Voltage CMOS Hex Buffer
December, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC07A NEXPERIA-74LVC07A Datasheet
234Kb / 12P
   Hex buffer with open-drain outputs
Rev. 7 - 3 August 2020
More results

Similar Description - 74LVC07A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC07A-Q100 NEXPERIA-74LVC07A-Q100 Datasheet
227Kb / 13P
   Hex buffer with open-drain outputs
74LV07AT NEXPERIA-74LV07AT Datasheet
727Kb / 12P
   Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
logo
NXP Semiconductors
74LVC07APW-T NXP-74LVC07APW-T Datasheet
160Kb / 14P
   Hex buffer with open-drain outputs
Rev. 5-27 October 2011
logo
Nexperia B.V. All right...
74LVC07A NEXPERIA-74LVC07A Datasheet
234Kb / 12P
   Hex buffer with open-drain outputs
Rev. 7 - 3 August 2020
74AHCT07A NEXPERIA-74AHCT07A Datasheet
728Kb / 12P
   Hex buffer with open-drain outputs
74LV07A NEXPERIA-74LV07A Datasheet
728Kb / 12P
   Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
74AHCV07A NEXPERIA-74AHCV07A Datasheet
762Kb / 14P
   Hex buffer with open-drain outputs
logo
Texas Instruments
SN74LVC07A-EP TI-SN74LVC07A-EP Datasheet
308Kb / 12P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A-Q1 TI-SN74LVC07A-Q1 Datasheet
143Kb / 9P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A_101 TI-SN74LVC07A_101 Datasheet
841Kb / 23P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com