Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1533CLTB Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1533CLTB
Description  Triple-Output LCD Power Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1533CLTB Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1533CLTB Datasheet HTML 1Page - Analog Intergrations Corporation AIC1533CLTB Datasheet HTML 2Page - Analog Intergrations Corporation AIC1533CLTB Datasheet HTML 3Page - Analog Intergrations Corporation AIC1533CLTB Datasheet HTML 4Page - Analog Intergrations Corporation AIC1533CLTB Datasheet HTML 5Page - Analog Intergrations Corporation AIC1533CLTB Datasheet HTML 6Page - Analog Intergrations Corporation AIC1533CLTB Datasheet HTML 7Page - Analog Intergrations Corporation AIC1533CLTB Datasheet HTML 8Page - Analog Intergrations Corporation AIC1533CLTB Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AIC1533
ORDERING INFORMATION
AIC1533XXXX
Example: AIC1533CLTR
in TSSOP-16 Package & Taping &
Reel Packing Type
AIC1533PSTR
in Lead Free SOP-14 Package &
Taping & Reel Packing Type
PACKING TYPE
TB: TUBE
TR: TAPING & REEL
PACKAGING TYPE
S: SOP-14
L: TSSOP-16
C: COMMERCIAL
P: LEAD FREE COMMERCIAL
PIN CONFIGURATION
SOP-14
TOP VIEW
GND
14
13
12
11
10
9
8
1
2
3
4
5
6
7
ADJ
OUT
FBP
SHDN
VCC
SUPP
SW P
VREF
FBN
TP
TN
SW N
PGND
TSSOP-16
TOP VIEW
16
14
15
10
12
11
13
9
1
3
2
5
7
6
4
8
ADJ
OUT
FBP
SHDN
VCC
SUPP
SW P
SW N
PGND
GND
TP
TN
GND
GND
VREF
FBN
3


Similar Part No. - AIC1533CLTB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AIC1531 ETC2-AIC1531 Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
AIC1531CNTB ETC2-AIC1531CNTB Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
AIC1531CNTR ETC2-AIC1531CNTR Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
AIC1531CSTB ETC2-AIC1531CSTB Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
AIC1531CSTR ETC2-AIC1531CSTR Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
More results

Similar Description - AIC1533CLTB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
logo
Maxim Integrated Produc...
MAX1889 MAXIM-MAX1889 Datasheet
796Kb / 32P
   Triple-Output TFT LCD Power Supply with Fault Protection
logo
Linear Technology
LTC3450 LINER-LTC3450_15 Datasheet
196Kb / 12P
   Triple Output Power Supply for Small TFT-LCD Displays
LTC3450 LINER-LTC3450 Datasheet
401Kb / 12P
   Triple Output Power Supply for Small TFT-LCD Displays
logo
Texas Instruments
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com