Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1533CLTB Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1533CLTB
Description  Triple-Output LCD Power Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1533CLTB Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1533CLTB Datasheet HTML 1Page - Analog Intergrations Corporation AIC1533CLTB Datasheet HTML 2Page - Analog Intergrations Corporation AIC1533CLTB Datasheet HTML 3Page - Analog Intergrations Corporation AIC1533CLTB Datasheet HTML 4Page - Analog Intergrations Corporation AIC1533CLTB Datasheet HTML 5Page - Analog Intergrations Corporation AIC1533CLTB Datasheet HTML 6Page - Analog Intergrations Corporation AIC1533CLTB Datasheet HTML 7Page - Analog Intergrations Corporation AIC1533CLTB Datasheet HTML 8Page - Analog Intergrations Corporation AIC1533CLTB Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AIC1533
Triple-Output LCD Power Supply
Analog Integrations Corporation
Si-Soft Research Center
DS-1533P-02 010405
3A1, No.1, Li-Hsin Rd. I, Science Park, Hsinchu 300, Taiwan, R.O.C.
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
One Low Dropout Linear Regulator
Dropout Voltage 500mV at 0.3A Output Current
Dual Adjustable Charge Pump
Up to +30V Positive Output
Down to -10V Negative Output
Power Up Sequencing and Adjustable Delay
time
Power-Saving Shutdown Mode (0.1
µA typical)
Operating Supply Voltage: 12V
1MHz Operation Frequency
Internal Current Limit and Thermal Protection
built in LDO part
Few External Components Required
APPLICATIONS
LCD Monitor Panel Module
LCD TV Panel Module
DESCRIPTION
AIC1533, composed of dual charge pumps and a
regulator, provide three independent regulated
voltages designed for using in thin-film transistor
(TFT) liquid crystal display (LCD).
The main regulator has an adjustable output
voltage and a low dropout voltage of 500mV at
300mA load current is performed.
The dual charge pumps independently regulate a
positive output and a negative output. AIC1533
has thermal shutdown capability and survives a
continuous short circuit from output to ground. A
unique control scheme minimizes output ripple as
well as output capacitance for both charge pump.
1MHz-switching frequency of AIC1533 provides a
low noise, low cost total solution. The device
operates up to 15V supply voltage and is available
in 14-lead SOP and 16-lead TSSOP package.


Similar Part No. - AIC1533CLTB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AIC1531 ETC2-AIC1531 Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
AIC1531CNTB ETC2-AIC1531CNTB Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
AIC1531CNTR ETC2-AIC1531CNTR Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
AIC1531CSTB ETC2-AIC1531CSTB Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
AIC1531CSTR ETC2-AIC1531CSTR Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
More results

Similar Description - AIC1533CLTB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
logo
Maxim Integrated Produc...
MAX1889 MAXIM-MAX1889 Datasheet
796Kb / 32P
   Triple-Output TFT LCD Power Supply with Fault Protection
logo
Linear Technology
LTC3450 LINER-LTC3450_15 Datasheet
196Kb / 12P
   Triple Output Power Supply for Small TFT-LCD Displays
LTC3450 LINER-LTC3450 Datasheet
401Kb / 12P
   Triple Output Power Supply for Small TFT-LCD Displays
logo
Texas Instruments
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com