Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSTVF16859 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SSTVF16859
Description  13-bit 1:2 SSTL_2 registered buffer for DDR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTVF16859 Datasheet(HTML) 5 Page - NXP Semiconductors

  SSTVF16859 Datasheet HTML 1Page - NXP Semiconductors SSTVF16859 Datasheet HTML 2Page - NXP Semiconductors SSTVF16859 Datasheet HTML 3Page - NXP Semiconductors SSTVF16859 Datasheet HTML 4Page - NXP Semiconductors SSTVF16859 Datasheet HTML 5Page - NXP Semiconductors SSTVF16859 Datasheet HTML 6Page - NXP Semiconductors SSTVF16859 Datasheet HTML 7Page - NXP Semiconductors SSTVF16859 Datasheet HTML 8Page - NXP Semiconductors SSTVF16859 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Philips Semiconductors
Product data sheet
SSTVF16859
13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 12
5
BALL CONFIGURATION
12
3
4
5
6
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
Q12A
Q10A
Q8A
Q6A
Q4A
Q2A
Q1A
Q12B
Q10B
Q8B
Q6B
Q4B
Q2B
Q13A
Q11A
Q9A
Q7A
Q5A
Q3A
Q13B
Q11B
Q9B
Q7B
Q5B
Q3B
Q1B
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
D13
D11
D9
D7
D1
D3
D5
D2
D4
D6
D12
D10
D8
RESET
CK
CK
——
——
——
——
——
VREF
——
——
SW00944
LOGIC DIAGRAM
SW00750
VREF
45
D1
35
49
CK
48
CK
51
RESET
1D
C1
R
32
16
to 12 other channels
Q1A
Q1B
FUNCTION TABLE (each flip-flop)
INPUTS
OUTPUT
RESET
CK
CK
D
Q
H
L
L
H
H
H
H
L or H
L or H
X
Q0
L
X or
floating
X or
floating
X or
floating
L
H = HIGH voltage level
L = LOW voltage level
↓ = HIGH-to-LOW transition
↑ = LOW-to-HIGH transition
X = Don’t care


Similar Part No. - SSTVF16859

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTVF16859 PHILIPS-SSTVF16859 Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
logo
Texas Instruments
SSTVF16859 TI1-SSTVF16859 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
NXP Semiconductors
SSTVF16859BS PHILIPS-SSTVF16859BS Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
SSTVF16859DGG PHILIPS-SSTVF16859DGG Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
SSTVF16859EC PHILIPS-SSTVF16859EC Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
More results

Similar Description - SSTVF16859

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTVF16859 PHILIPS-SSTVF16859_05 Datasheet
144Kb / 23P
   13-bit 1 : 2 SSTL_2 registered buffer for DDR
Rev. 02-19 July 2005
SSTVN16859 PHILIPS-SSTVN16859 Datasheet
116Kb / 11P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 15
logo
Renesas Technology Corp
HD74SSTV16859 RENESAS-HD74SSTV16859 Datasheet
3Mb / 11P
   1:2 13-bit SSTL_2 Registered Buffer
logo
NXP Semiconductors
SSTV16859 PHILIPS-SSTV16859 Datasheet
124Kb / 14P
   2.5 V 13-bit to 26-bit SSTL_2 registered buffer for stacked DDR DIMM
2002 Feb 19
logo
Renesas Technology Corp
HD74SSTV16857B RENESAS-HD74SSTV16857B Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857A RENESAS-HD74SSTV16857A Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
logo
Texas Instruments
SN74SSTL16857 TI-SN74SSTL16857 Datasheet
93Kb / 7P
[Old version datasheet]   14-BIT SSTL_2 REGISTERED BUFFER
logo
Integrated Circuit Syst...
ICSSSTVA16859B ICST-ICSSSTVA16859B Datasheet
130Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVA16859C IDT-ICSSSTVA16859C Datasheet
293Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com