Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABL004-00 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ABL004-00
Description  Single/Double Bridge Gear Tooth And Encoder Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ABL004-00 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ABL004-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers ABL004-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers ABL004-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers ABL004-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers ABL004-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers ABL004-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABL Sensors
RHOPOINT COMPONENTS
Tel: +44 (0) 870 608 1188 Fax: +44 (0) 870 241 2255
Web: www.rhopointcomponents.com Email: sales@rhopointcomponents.com
Specifications:
Property
Min
Typ
Max
Unit
Single Bridge Resistance
4K
5K
7K
Ohms
Input Voltage
<1
1
30
1
Volts
Operating Temperature Range
-50
+170
°C
Offset Voltage
-4
+4
mV/V
Linear Range
+/-5
+/-100
Oe
Linearity of Output
98
%
2
Hysteresis
2
%
2
Saturation of GMR Sensor Elements
-180
+180
Oe
3
Single Resistor Sensitivity
.04
%
∆R/Oe4
Max Output
80
mV/V
Temperature Coefficient of Resistance
+0.3
%/
°C
ESD
400
V
5
Notes:
1.
ABL Series sensors have a purely ratiometric output. They will operate with input voltages of
0.1V or lower. The output signal will scale proportionally with the input voltage. Maximum
voltage will be limited by the power dissipation allowable in the package and user installation.
See the package section for more details.
2.
Linearity and Hysteresis measured across linear operating range, unipolar operation.
3.
Application of a magnetic field in excess of this value will saturate the GMR sensor elements,
and no further output will be obtained. No damage occurs to the sensor elements when
saturated; NVE GMR sensors will not be damaged by any large magnetic field.
4.
Percent change in resistance with application of 1 Oersted of magnetic field; corresponds to an
8% change in resistance with 200 Oersteds of applied magnetic field (1 Oersted = 1 Gauss in
air, or 0.1 milli-Tesla).
5.
Pin to pin voltage, Human Body Model for ESD


Similar Part No. - ABL004-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABL004-00 ETC2-ABL004-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
ABL004-00E ETC2-ABL004-00E Datasheet
141Kb / 10P
   Precision Gear Tooth and Encoder Sensors
More results

Similar Description - ABL004-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABL004-00E ETC2-ABL004-00E Datasheet
141Kb / 10P
   Precision Gear Tooth and Encoder Sensors
logo
RHOPOINT COMPONENTS
AKL RHOPOINT-AKL Datasheet
142Kb / 3P
   Digital Output Gear Tooth And Encoder Sensors
logo
Honeywell Accelerometer...
GTN1A112 HONEYWELL-ACC-GTN1A112 Datasheet
105Kb / 2P
   Hall Effect Gear Tooth Sensors
logo
Allegro MicroSystems
A3059 ALLEGRO-A3059 Datasheet
144Kb / 10P
   HALL-EFFECT GEAR-TOOTH SENSORS -ACCOUPLED
3059 ALLEGRO-3059 Datasheet
84Kb / 8P
   HALL-EFFECT GEAR-TOOTH SENSORS -AC COUPLED
3046 ALLEGRO-3046 Datasheet
136Kb / 8P
   HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
logo
ZF Friedrichshafen AG
SD101201 ZFSWITCHES-SD101201 Datasheet
370Kb / 2P
   Gear Tooth Speed and Direction Sensor
logo
Standex Electronics, In...
S12H-SSTDSO-R5CB2-001 STANDEX-S12H-SSTDSO-R5CB2-001 Datasheet
565Kb / 3P
   Gear Tooth Speed Switch
Rev DBA
A44-18ADSO-P5P21 STANDEX-A44-18ADSO-P5P21 Datasheet
560Kb / 3P
   Single Ch-Target Tracker Gear Tooth Sensor
Rev CAA
MFM7-37ADSO-L5CD3 STANDEX-MFM7-37ADSO-L5CD3 Datasheet
600Kb / 3P
   Single Ch-Target Tracker Gear Tooth Sensor
Rev BDD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com