Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DCA
Description  DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DCA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DCA Datasheet HTML 1Page - List of Unclassifed Manufacturers DCA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Details
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xp-iq.com
Holliston, MA 01746 USA
www.XP-iQ.com
OUTPUT VOLTAGE & CURRENT RATINGS
DCA/DCB/DCC 15/25/50
Series
DCA
DCB
DCC
Output Code
Output Voltages
Output Current (s)
Output Current (s)
Output Current (s)
01
5 VDC
3.0 A
5.0 A
10 (8) A
02
12 VDC
1.2 A
2.1 A
4.3 (3.3) A
03
15 VDC
1.0 A
1.7 A
3.4 (2.7) A
04
24 VDC
0.62 A
1.1 A
2.5 (1.7) A
+12 VDC
0.75 A
1.2 A
2.0 (2.0) A
-12 VDC
0.5 A
0.9 A
1.7 (1.5)A
+15 VDC
0.5 A
1.0 A
1.7A (1.5) A
-15 VDC
0.5 A
0.7 A
1.5A (1.3) A
5 VDC
1.8 A
2.8 A
5.0 A
+12 VDC
0.15 A
0.5 A
.83 (.73) A
-12 VDC
0.15 A
0.5 A
.83 (.73) A
5 VDC
1.8 A
2.8 A
5.0A
+15 VDC
0.15 A
0.36 A
.65 (.58)A
-15 VDC
0.15 A
0.36 A
.65 (.58) A
10
48 VDC
-
0.5 A
1 (0.8) A
05
06
07
08
For 110/220 selectable inputs add suffix "S" to part number
Series
DCA
DCB
DCC
Terminal
Single
Dual
Triple
Single
Dual
Triple
Single
Dual
Triple
Output
Output
Output
Output
Output
Output
Output
Output
Output
0-
-
Case Gnd (FG)
Case Gnd (FG)
-
Case Gnd (FG)
-
-
Case Gnd (FG)
1
-VIN
-VIN
-VIN
+VIN
+VIN
+VIN
Case Gnd (FG)
+VIN
+VIN
2
+VIN
+VIN
+VIN
-VIN
-VIN
-VIN
+VIN
-VIN
-VIN
3
Case Gnd (FG)
Case Gnd (FG)
-V3
Filter Gnd (LFG) Filter Gnd (FG)
-V3
-VIN
Case Gnd (FG)
-V3
4
-
-VOUT
-V2
-+V2
-V2,3 Common
Filter Gnd (FG)
+V2
V2,3 Common
5
-VOUT
Common
Common
-
-V2
+V2
-VOUT
-V2
+V2
6
+VOUT
+VOUT
-V1
-VOUT
+V1
+V1
+VOUT
+V1
+V1
7
-
-
-
+VOUT
-V1
-V1
-
-V1
+V1
Dimension
DCA
DCB
DCC
A
4.64(118)
5.31(135)
6.30(160)
B
3.15(80)
3.35(85)
3.78(96)
C
.98(25)
1.22(31)
1.30(33)
D
2.76(70)
2.76(70)
3.94(100)
E
2.05(52)
2.20(56)
2.40(61)
F
1.30(33)
1.28(32.5)
1.18(30)
G
3.74(95)
4.65(118)
H
.28(7)
.39(10)
I
.39(10)
.39(10)
1. DCA Triple output - no adjustment
DCB /DCC triple outputs - only 5 VDC adjustable
Ordering Guide: Series/Input Code
Example: DCC 201 - 50 Watt Series, 24 Volt Input, 5 Volt Output @ 10 AMPS
Series
Output
DCA
15 Watts
DCB
25 Watts
DCC
40/50 Watts
Output Code
From Chart
Above
Input Code
Input Range
1
12 volt nominal (9-16 VDC)
2
24 volt nominal (19-32 VDC)
3
48 volt nominal (38-63 VDC)
4
110 volt nominal (85-140 VDC)
DCA/DCB/DCC
4/4/02
3:42 pm
Page 2


Similar Part No. - DCA

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
DCA-17-01 SAMTEC-DCA-17-01 Datasheet
301Kb / 3P
   DUST CAP ASSEMBLY
DCA-17-02 SAMTEC-DCA-17-02 Datasheet
301Kb / 3P
   DUST CAP ASSEMBLY
DCA-17-03 SAMTEC-DCA-17-03 Datasheet
301Kb / 3P
   DUST CAP ASSEMBLY
logo
Murata Power Solutions ...
DCA-20PC MURATA-PS-DCA-20PC Datasheet
1Mb / 6P
   LED Display, Subminiature DC Ammeters with Built-In Shunts
2023
DCA-20PC-1-DC1-RL-C MURATA-PS-DCA-20PC-1-DC1-RL-C Datasheet
1Mb / 6P
   LED Display, Subminiature DC Ammeters with Built-In Shunts
2023
More results

Similar Description - DCA

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com