Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V281620AT-6 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HY57V281620AT-6
Description  4 Banks x 2M x 16bits Synchronous DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V281620AT-6 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HY57V281620AT-6 Datasheet HTML 5Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 6Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 7Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 8Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 9Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 10Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 11Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 12Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 13Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
HY57V281620A
Rev. 1.3/Aug. 01
12
DEVICE OPERATING OPTION TABLE
HY57V281620A(L)T-6
HY57V281620A(L)T-7
HY57V281620A(L)T-K
HY57V281620A(L)T-H
HY57V281620A(L)T-8
HY57V281620A(L)T-P
HY57V281620A(L)T-S
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
166MHz(6ns)
3CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.4ns
2.7ns
143MHz(7ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
5.4ns
2.7ns
133MHz(7.5ns)
2CLKs
3CLKs
6CLKs
9CLKs
3CLKs
5.4ns
2.7ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
143MHz(7ns)
3CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.4ns
2.7ns
133MHz(7.5ns)
3CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.4ns
2.7ns
125MHz(8ns)
3CLKs
3CLKs
7CLKs
10CLKs
3CLKs
6ns
3ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
133MHz(7.5ns)
2CLKs
2CLKs
6CLKs
8CLKs
2CLKs
5.4ns
2.7ns
125MHz(8ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
6ns
3ns
100MHz(10ns)
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
3ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
133MHz(7.5ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
5.4ns
2.7ns
125MHz(8ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
6ns
3ns
100MHz(10ns)
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
3ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
125MHz(8ns)
3CLKs
3CLKs
6CLKs
9CLKs
3CLKs
6ns
3ns
100MHz(10ns)
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
3ns
83MHz(12ns)
2CLKs
2CLKs
4CLKs
6CLKs
2CLKs
6ns
3ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
100MHz(10ns)
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
3ns
83MHz(12ns)
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
3ns
66MHz(15ns)
2CLKs
2CLKs
4CLKs
6CLKs
2CLKs
6ns
3ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
100MHz(10ns)
3CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
3ns
83MHz(12ns)
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
6ns
3ns
66MHz(15ns)
2CLKs
2CLKs
4CLKs
6CLKs
2CLKs
6ns
3ns


Similar Part No. - HY57V281620AT-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V281620ELT HYNIX-HY57V281620ELT Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
HY57V281620ELT-5 HYNIX-HY57V281620ELT-5 Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
HY57V281620ELT-6 HYNIX-HY57V281620ELT-6 Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
HY57V281620ELT-7 HYNIX-HY57V281620ELT-7 Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
HY57V281620ELT-H HYNIX-HY57V281620ELT-H Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
More results

Similar Description - HY57V281620AT-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5V26CF HYNIX-HY5V26CF Datasheet
186Kb / 14P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620HCT HYNIX-HY57V281620HCT Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620HCT-6I HYNIX-HY57V281620HCT-6I Datasheet
82Kb / 11P
   4 Banks x 2M x 16bits Synchronous DRAM
HY5Y2B6DLF-HE HYNIX-HY5Y2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5S2B6DLF-SE HYNIX-HY5S2B6DLF-SE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5W2B6DLF-HE HYNIX-HY5W2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
logo
Samsung semiconductor
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V64820HG HYNIX-HY57V64820HG Datasheet
134Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V64820HGTP HYNIX-HY57V64820HGTP Datasheet
85Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
logo
Samsung semiconductor
KM48S8030C SAMSUNG-KM48S8030C Datasheet
82Kb / 8P
   2M x 8Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com