Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V281620AT-6 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY57V281620AT-6
Description  4 Banks x 2M x 16bits Synchronous DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V281620AT-6 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY57V281620AT-6 Datasheet HTML 1Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 2Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 3Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 4Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 5Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 6Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 7Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 8Page - Hynix Semiconductor HY57V281620AT-6 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HY57V281620A
Rev. 1.3/Aug. 01
5
ABSOLUTE MAXIMUM RATINGS
Note : Operation at above absolute maximum rating can adversely affect device reliability.
DC OPERATING CONDITION (TA=0 to 70°C)
Note :
1.All voltages are referenced to VSS = 0V
2.VIH(max) is acceptable 5.6V AC pulse width with <=3ns of duration.
3.VIL(min) is acceptable -2.0V AC pulse width with <=3ns of duration.
AC OPERATING TEST CONDITION (TA=0 to 70°C, VDD=3.3
±0.3V, VSS=0V)
Note :
1.Output load to measure access times is equivalent to two TTL gates and one capacitor (50pF). For details, refer to AC/DC output
load circuit
Parameter
Symbol
Rating
Unit
Ambient Temperature
TA
0 ~ 70
°
C
Storage Temperature
TSTG
-55 ~ 125
°
C
Voltage on Any Pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD relative to VSS
VDD, VDDQ
-1.0 ~ 4.6
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD
1
W
Soldering Temperature
⋅ Time
TSOLDER
260
⋅ 10
°
C ⋅ Sec
Parameter
Symbol
Min
Typ
Max
Unit
Note
Power Supply Voltage
VDD, VDDQ
3.0
3.3
3.6
V
1
Input High voltage
VIH
2.0
3.0
VDDQ + 0.3
V
1,2
Input Low voltage
VIL
-0.3
0
0.8
V
1,3
Parameter
Symbol
Value
Unit
Note
AC Input High / Low Level Voltage
VIH / VIL
2.4/0.4
V
Input Timing Measurement Reference Level Voltage
Vtrip
1.4
V
Input Rise / Fall Time
tR / tF
1
ns
Output Timing Measurement Reference Level Voltage
Voutref
1.4
V
Output Load Capacitance for Access Time Measurement
CL
50
pF
1


Similar Part No. - HY57V281620AT-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V281620ELT HYNIX-HY57V281620ELT Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
HY57V281620ELT-5 HYNIX-HY57V281620ELT-5 Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
HY57V281620ELT-6 HYNIX-HY57V281620ELT-6 Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
HY57V281620ELT-7 HYNIX-HY57V281620ELT-7 Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
HY57V281620ELT-H HYNIX-HY57V281620ELT-H Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
More results

Similar Description - HY57V281620AT-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5V26CF HYNIX-HY5V26CF Datasheet
186Kb / 14P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620HCT HYNIX-HY57V281620HCT Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620HCT-6I HYNIX-HY57V281620HCT-6I Datasheet
82Kb / 11P
   4 Banks x 2M x 16bits Synchronous DRAM
HY5Y2B6DLF-HE HYNIX-HY5Y2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5S2B6DLF-SE HYNIX-HY5S2B6DLF-SE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5W2B6DLF-HE HYNIX-HY5W2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
logo
Samsung semiconductor
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V64820HG HYNIX-HY57V64820HG Datasheet
134Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V64820HGTP HYNIX-HY57V64820HGTP Datasheet
85Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
logo
Samsung semiconductor
KM48S8030C SAMSUNG-KM48S8030C Datasheet
82Kb / 8P
   2M x 8Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com