Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74SSTVF16859PAG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74SSTVF16859PAG
Description  13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74SSTVF16859PAG Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74SSTVF16859PAG Datasheet HTML 1Page - Integrated Device Technology IDT74SSTVF16859PAG Datasheet HTML 2Page - Integrated Device Technology IDT74SSTVF16859PAG Datasheet HTML 3Page - Integrated Device Technology IDT74SSTVF16859PAG Datasheet HTML 4Page - Integrated Device Technology IDT74SSTVF16859PAG Datasheet HTML 5Page - Integrated Device Technology IDT74SSTVF16859PAG Datasheet HTML 6Page - Integrated Device Technology IDT74SSTVF16859PAG Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
COMMERCIALTEMPERATURERANGE
IDT74SSTVF16859
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIK
ControlInputs
VDD = 2.5V, II=
−18mA
–1.2
V
VOH
VDD = 2.5V to 2.7V, IOH = -100
µAVDD – 0.2
V
VDD = 2.5V, IOH = -8mA
1.95
VOL
VDD = 2.5V to 2.7V, IOL = 100
µA
0.2
V
VDD = 2.5V, IOL = 8mA
0.35
II
All Inputs
VDD = 2.7V,VI = VDD or GND
±5
µA
IDD
StaticStandby
IO = 0, VDD = 2.7V, RESET = GND
0.01
mA
StaticOperating
IO = 0, VDD = 2.7V, RESET = VDD, VI = VIH (AC) or VIL (AC)
——
20
Dynamic Operating (Clock Only)
IO = 0, VDD = 2.7V, RESET = VDD, VI = VIH (AC) or VIL (AC),—
6
µA/Clock
CLK and CLK Switching 50% Duty Cycle.
MHz
IDDD
DynamicOperating
IO = 0, VDD = 2.7V, RESET = VDD, VI = VIH (AC) or VIL (AC),—
43
µA/Clock
(PerEachDataInput)(1)
CLK and CLK Switching 50% Duty Cycle. One Data Input
MHz/Data
Switching at Half Clock Frequency, 50% Duty Cycle.
Input
DataInputs
VDD = 2.6V, VI = VREF
± 310mV
2
3
CI
CLK and CLK
VICR = 1.3V, VI (PP) = 360mV
2
3
pF
RESET
VI = VDD or GND
2
3
NOTE:
1. Power dissipation levels will allow operation at DDR400 speeds without excessive die temperature.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE FOR PC3200
FollowingConditionsApplyUnlessOtherwiseSpecified:
Operating Condition: TA = 0°C to +70°C, VDD = 2.6V ±0.1V, VDDQ = 2.6V ±0.1V
OPERATING CHARACTERISTICS, TA = 25ºC (1)
Symbol
Parameter
Min.
Typ.(1)
Max.
Unit
VDD
SupplyVoltage
VDDQ
2.7
V
VDDQ
OutputSupplyVoltage
PC1600-PC2700
2.3
2.5
2.7
V
PC3200
2.5
2.6
2.7
VREF
ReferenceVoltage(VREF=VDDQ/2)
PC1600-PC2700
1.15
1.25
1.35
V
PC3200
1.25
1.3
1.35
VTT
TerminationVoltage
VREF– 40mV
VREF
VREF+ 40mV
V
VI
InputVoltage
0
VDD
V
VIH
AC High-Level Input Voltage
DataInputs
VREF+ 310mV
V
VIL
AC Low-Level Input Voltage
DataInputs
VREF– 310mV
V
VIH
DC High-Level Input Voltage
DataInputs
VREF+ 150mV
V
VIL
DC Low-Level Input Voltage
DataInputs
VREF– 150mV
V
VIH
High-LevelInputVoltage
RESET
1.7
V
VIL
Low-LevelInputVoltage
RESET
0.7
V
VICR
Common-ModeInputRange
CLK, CLK
0.97
1.53
V
VI(PP)
Peak-to-PeakInputVoltage
CLK, CLK
360
mV
IOH
High-LevelOutputCurrent
– 16
mA
IOL
Low-LevelOutputCurrent
16
TA
OperatingFree-AirTemperature
0
+70
°C
NOTE:
1. The RESET input of the device must be held at VDD or GND to ensure proper device operation.


Similar Part No. - IDT74SSTVF16859PAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74SSTVF16859PAG IDT-IDT74SSTVF16859PAG Datasheet
80Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTVF16859PAG RENESAS-IDT74SSTVF16859PAG Datasheet
237Kb / 8P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
AUGUST 2003
More results

Similar Description - IDT74SSTVF16859PAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74SSTV16859 IDT-IDT74SSTV16859 Datasheet
71Kb / 6P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 IDT-IDT74SSTVF16859_07 Datasheet
80Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVN16859 IDT-IDT74SSTVN16859 Datasheet
65Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTVF16859 RENESAS-IDT74SSTVF16859 Datasheet
237Kb / 8P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
AUGUST 2003
IDT74SSTVN16859C RENESAS-IDT74SSTVN16859C Datasheet
237Kb / 8P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
OCTOBER 2004
IDT74SSTV16859 RENESAS-IDT74SSTV16859 Datasheet
241Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
NOVEMBER 2008
logo
Integrated Device Techn...
IDT74SSTVN16859C IDT-IDT74SSTVN16859C Datasheet
75Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTVN16859 RENESAS-IDT74SSTVN16859 Datasheet
242Kb / 8P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
JANUARY 2004
logo
Integrated Device Techn...
IDT74SSTVF16857 IDT-IDT74SSTVF16857 Datasheet
67Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16857 IDT-IDT74SSTVF16857_07 Datasheet
72Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com