Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL611A-3TR7 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IL611A-3TR7
Description  Passive Input Digital Isolators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL611A-3TR7 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IL611A-3TR7 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL611A-3TR7 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL611A-3TR7 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL611A-3TR7 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL611A-3TR7 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL611A-3TR7 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL611A-3TR7 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL611A-3TR7 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL611A-3TR7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IL610 IL611 IL612
IL613 IL614
3
IL610 and IL610A Pin Connections
1
NC
No internal connection
2
IN+
Coil connection
3
IN-
Coil connection
4
NC
No internal connection
5
GND
Ground return for VDD
6
OUT
Data out
7
VOE
Output enable. Internally held low with
100 kΩ
8
VDD
Supply Voltage
IL610
IL610A
IL611 and IL611A Pin Connections
1
IN1+
Channel 1 coil connection
2
IN1-
Channel 1 coil connection
3
IN2+
Channel 2 coil connection
4
IN2-
Channel 2 coil connection
5
GND
Ground return for VDD
6
OUT2
Data out channel 2
7
OUT1
Data out channel 1
8
VDD
Supply Voltage
IL611
IL611A
IL612 and IL612A Pin Connections
1
IN1
Data in, channel 1
2
VDD 1
Supply Voltage 1
3
OUT2
Data out, channel 2
4
GND1
Ground return for VDD1
5
GND2
Ground return for VDD2
6
IN2
Data in, channel 2
7
VDD 2
Supply Voltage 2
8
OUT1
Data out, channel 1
IL612
IL612A
IL613 Pin Connections
1
IN1+
Channel 1 coil connection
2
*
Internally connected to pin 8
3
IN1-
Channel 1 coil connection
4
IN2+
Channel 2 coil connection
5
IN2-
Channel 2 coil connection
6
IN3+
Channel 3 coil connection
7
IN3-
Channel 3 coil connection
8
*
Internally connected to pin 2
9
GND
Ground return for VDD (Internally
connected to pin 15)
10
OUT3
Data out channel 3
11
NC
No connection
12
VDD
Supply Voltage. Pin 12 and pin 16 must be
connected externally
13
OUT2
Data out channel 2
14
OUT1
Data out channel 1
15
GND
Ground return for VDD (Internally
connected to pin 9)
16
VDD
Supply Voltage. Pin 12 and pin 16 must be
connected externally
IL613
*
Pins 2 and 8 internally connected
** Pins 9 and 15 internally connected


Similar Part No. - IL611A-3TR7

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL6083 IKSEMICON-IL6083 Datasheet
267Kb / 10P
   PWM Power Control IC with Interference Suppression
IL6083N IKSEMICON-IL6083N Datasheet
267Kb / 10P
   PWM Power Control IC with Interference Suppression
IL6083 IKSEMICON-IL6083_16 Datasheet
271Kb / 10P
   PWM Power Control IC with Interference Suppression
logo
Intersil Corporation
IL6336ACRZ INTERSIL-IL6336ACRZ Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
IL6336AIRZ INTERSIL-IL6336AIRZ Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
More results

Similar Description - IL611A-3TR7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71610M RENESAS-ISL71610M Datasheet
889Kb / 27P
   Radiation Tolerant Passive-Input Digital Isolator
Nov 11, 2022
ISL71610SLHM RENESAS-ISL71610SLHM Datasheet
489Kb / 18P
   Radiation Hardened Passive-Input Digital Isolator
Nov 11, 2022
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7240 TI-ISO7240 Datasheet
755Kb / 23P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7220A-Q1 TI1-ISO7220A-Q1 Datasheet
751Kb / 24P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
logo
PHOENIX CONTACT
2864655 PHOENIX-2864655 Datasheet
254Kb / 8P
   One- and two-channel passive isolators
logo
MORNSUN Science& Techno...
TA306W-11 MORNSUN-TA306W-11 Datasheet
712Kb / 3P
   12.5mm SLIM CASE PASSIVE SIGNAL ISOLATORS
logo
Texas Instruments
ISO7240 TI-ISO7240_1 Datasheet
767Kb / 25P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7220A TI-ISO7220A Datasheet
734Kb / 25P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com