Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V281620ALT-S Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HY57V281620ALT-S
Description  4 Banks x 2M x 16bits Synchronous DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V281620ALT-S Datasheet(HTML) 1 Page - Hynix Semiconductor

  HY57V281620ALT-S Datasheet HTML 1Page - Hynix Semiconductor HY57V281620ALT-S Datasheet HTML 2Page - Hynix Semiconductor HY57V281620ALT-S Datasheet HTML 3Page - Hynix Semiconductor HY57V281620ALT-S Datasheet HTML 4Page - Hynix Semiconductor HY57V281620ALT-S Datasheet HTML 5Page - Hynix Semiconductor HY57V281620ALT-S Datasheet HTML 6Page - Hynix Semiconductor HY57V281620ALT-S Datasheet HTML 7Page - Hynix Semiconductor HY57V281620ALT-S Datasheet HTML 8Page - Hynix Semiconductor HY57V281620ALT-S Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HY57V281620A
4 Banks x 2M x 16bits Synchronous DRAM
This document is a general product description and is subject to change without notice. Hynix does not assume any responsibility for use of circuits de-
scribed. No patent licenses are implied.
Rev. 1.3/Aug. 01
DESCRIPTION
The Hynix HY57V281620A is a 134,217,728bit CMOS Synchronous DRAM, ideally suited for the main memory applications which
require large memory density and high bandwidth. HY57V281620A is organized as 4banks of 2,097,152x16
HY57V281620A is offering fully synchronous operation referenced to a positive edge of the clock. All inputs and outputs are synchro-
nized with the rising edge of the clock input. The data paths are internally pipelined to achieve very high bandwidth. All input and output
voltage levels are compatible with LVTTL.
Programmable options include the length of pipeline (Read latency of 2 or 3), the number of consecutive read or write cycles initiated
by a single control command (Burst length of 1,2,4,8, or full page), and the burst count sequence(sequential or interleave). A burst of
read or write cycles in progress can be terminated by a burst terminate command or can be interrupted and replaced by a new burst
read or write command on any cycle. (This pipelined design is not restricted by a `2N` rule.)
FEATURES
Single 3.3
±0.3V power supply
All device pins are compatible with LVTTL interface
JEDEC standard 400mil 54pin TSOP-II with 0.8mm
of pin pitch
All inputs and outputs referenced to positive edge of
system clock
Data mask function by UDQM or LDQM
Internal four banks operation
Auto refresh and self refresh
4096 refresh cycles / 64ms
Programmable Burst Length and Burst Type
- 1, 2, 4, 8 or Full page for Sequential Burst
- 1, 2, 4 or 8 for Interleave Burst
Programmable CAS Latency ; 2, 3 Clocks
ORDERING INFORMATION
Part No.
Clock Frequency
Power
Organization
Interface
Package
HY57V281620AT-6
166MHz
Normal
4Banks x 2Mbits
x16
LVTTL
400mil 54pin TSOP II
HY57V281620AT-7
143MHz
HY57V281620AT-K
133MHz
HY57V281620AT-H
133MHz
HY57V281620AT-8
125MHz
HY57V281620AT-P
100MHz
HY57V281620AT-S
100MHz
HY57V281620ALT-6
166MHz
Low power
HY57V281620ALT-7
143MHz
HY57V281620ALT-K
133MHz
HY57V281620ALT-H
133MHz
HY57V281620ALT-8
125MHz
HY57V281620ALT-P
100MHz
HY57V281620ALT-S
100MHz


Similar Part No. - HY57V281620ALT-S

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V281620ELT HYNIX-HY57V281620ELT Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
HY57V281620ELT-5 HYNIX-HY57V281620ELT-5 Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
HY57V281620ELT-6 HYNIX-HY57V281620ELT-6 Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
HY57V281620ELT-7 HYNIX-HY57V281620ELT-7 Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
HY57V281620ELT-H HYNIX-HY57V281620ELT-H Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
More results

Similar Description - HY57V281620ALT-S

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5V26CF HYNIX-HY5V26CF Datasheet
186Kb / 14P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620HCT HYNIX-HY57V281620HCT Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620HCT-6I HYNIX-HY57V281620HCT-6I Datasheet
82Kb / 11P
   4 Banks x 2M x 16bits Synchronous DRAM
HY5Y2B6DLF-HE HYNIX-HY5Y2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5S2B6DLF-SE HYNIX-HY5S2B6DLF-SE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5W2B6DLF-HE HYNIX-HY5W2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
logo
Samsung semiconductor
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V64820HG HYNIX-HY57V64820HG Datasheet
134Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V64820HGTP HYNIX-HY57V64820HGTP Datasheet
85Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
logo
Samsung semiconductor
KM48S8030C SAMSUNG-KM48S8030C Datasheet
82Kb / 8P
   2M x 8Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com