Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9852-05-10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9852-05-10
Description  Surface Mount Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9852-05-10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9852-05-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9852-05-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
38
COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920
6 (Europe) Tel: +31-45-5439345 / Fax +31-45-5427216
9800 Series/Surface Mount Reed Relays
SURFACE MOUNT REED RELAYS
Ideally suited to the needs of Automated Test Equipment, Instrumenta-
tion and Telecommunications requirements, Coto’s 9800 Series is an
ultra-miniature Surface Mount Reed Relay that combines small size with
exceptional RF performance. 9814 extends life at ATE loads 3X or
more utilizing Coto’s proprietary switch technology. The external
Magnetic Shield reduces interaction between parts in high density
boards. 9852 adds a form C capability. Small size plus added features
allow for high density packing, and make these relays ideal for designs
such as high speed, high pin count VLSI testers where speed, size and
performance are all needed.
SERIES FEATURES
Available in Axial, Gull wing and “J” lead configurations
Tape and Reel packaging available
High reliability, hermetically sealed contacts for long life
High Insulation Resistance - 1012
Ω minimum
Coaxial shield for 50
Ω impedance. Excellent for RF and Fast
Rise Time Pulse switching (up to 6 GHz)
External Magnetic Shield
Model 9802
Models 9814 & 9852
Axial
J-Lead
2
Gull Wing
2
Gull Wing
2
Axial
J-Lead
2
Dimensions in Inches (Millimeters)


Similar Part No. - 9852-05-10

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9852-05-10 COTO-9852-05-10 Datasheet
366Kb / 2P
   Surface Mount Reed Relays
More results

Similar Description - 9852-05-10

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9200 COTO-9200 Datasheet
307Kb / 2P
   Surface Mount Reed Relays
logo
RHOPOINT COMPONENTS
9201-05-00 RHOPOINT-9201-05-00 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
9401 RHOPOINT-9401 Datasheet
54Kb / 2P
   Surface Mount Reed Relays
logo
DB Lectro Inc
17D-1A12G DBLECTRO-17D-1A12G Datasheet
1Mb / 4P
   SURFACE MOUNT REED RELAYS
logo
Coto Technology
9901-05-00 COTO-9901-05-00_14 Datasheet
447Kb / 2P
   SURFACE MOUNT REED RELAYS
logo
List of Unclassifed Man...
9400 ETC-9400 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
logo
DB Lectro Inc
10R-1A12G DBLECTRO-10R-1A12G Datasheet
1Mb / 4P
   SURFACE MOUNT REED RELAYS
logo
Coto Technology
9802-03-00 COTO-9802-03-00 Datasheet
366Kb / 2P
   Surface Mount Reed Relays
9901-05-00 COTO-9901-05-00 Datasheet
294Kb / 2P
   Surface Mount Reed Relays
9300 COTO-9300 Datasheet
287Kb / 2P
   Series/Surface Mount Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com