Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9011-12-1-10 Datasheet(PDF) 1 Page - Coto Technology

Part # 9011-12-1-10
Description  Miniature SIP Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

9011-12-1-10 Datasheet(HTML) 1 Page - Coto Technology

  9011-12-1-10 Datasheet HTML 1Page - Coto Technology 9011-12-1-10 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
28
COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920
6 (Europe) Tel: +31-45-5439345 / Fax +31-45-5427216
Miniature Molded SIP Reed Relays
The 9012 package dimensions are 47% smaller than standard 9000 SIPs,
yet the relay retains the 10W switch ratings of its larger counterparts.
The 9011 package dimensions is 65% smaller than the standard 9000
SIPs and incorporates the RI-70 switch rated at 3W. The 9091 is a
compact version of the 9001 while using 40% less board space. These
miniature SIP relays are ideal for use in ATE applications and other
high reliability test, measurement and telecommunications applications
where high board density and long life are key requirements.
Series Features
9012 is the smallest 10W SIP relay (.400”x .150” x .400”)
9011 is the smallest 3W SIP relay (.400”x .150” x .265”)
9091 is a 10W SIP relay measuring (.600”x .150” x .275”)
Magnetic shielding reduces interaction
Optional coil suppression diode protects coil drive circuits
UL File # E67117
High insulation resistance 1012
Ω minimum. (1013 Ω typical)
High speed switching
Molded thermoset body on integral lead frame design
High reliability, hermetically sealed contacts for long life
9011, 9012 & 9091 Miniature SIP Relays
Model 9011
Model 9012
Dimensions in Inches (Millimeters)
Model 9091
30o


Similar Part No. - 9011-12-1-10

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9011-12-10 COTO-9011-12-10 Datasheet
676Kb / 3P
   9011, 9012 9117 MINIATURE SIP RELAYS
9011-12-11 COTO-9011-12-11 Datasheet
676Kb / 3P
   9011, 9012 9117 MINIATURE SIP RELAYS
More results

Similar Description - 9011-12-1-10

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
9011 RHOPOINT-9011 Datasheet
90Kb / 2P
   Miniature SIP Relays
logo
Coto Technology
9091 COTO-9091 Datasheet
464Kb / 2P
   9091 & 9092 MINIATURE SIP RELAYS
9091-05-00 COTO-9091-05-00 Datasheet
676Kb / 3P
   9011, 9012 9117 MINIATURE SIP RELAYS
9012-05-11 COTO-9012-05-11 Datasheet
279Kb / 2P
   9011, 9012 9117 Miniature SIP Relays
9094 COTO-9094 Datasheet
543Kb / 2P
   9094 HIGH POWER MINIATURE SIP REED RELAYS
logo
RHOPOINT COMPONENTS
9001 RHOPOINT-9001 Datasheet
88Kb / 2P
   Molded SIP Reed Relays
logo
List of Unclassifed Man...
SIL4 ETC1-SIL4 Datasheet
609Kb / 7P
   SIP SERIES REED RELAYS
logo
Coto Technology
9001-05-00 COTO-9001-05-00 Datasheet
273Kb / 2P
   Molded SIP Reed Relays
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
   Spartan SIP Reed Relays
logo
DB Lectro Inc
101R-1A12D2 DBLECTRO-101R-1A12D2 Datasheet
967Kb / 2P
   SIP, DIP REED RELAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com