Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8980DPR Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # MT8980DPR
Description  ISO-CMOS ST-BUS Family Digital Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT8980DPR Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button MT8980DPR Datasheet HTML 6Page - Zarlink Semiconductor Inc MT8980DPR Datasheet HTML 7Page - Zarlink Semiconductor Inc MT8980DPR Datasheet HTML 8Page - Zarlink Semiconductor Inc MT8980DPR Datasheet HTML 9Page - Zarlink Semiconductor Inc MT8980DPR Datasheet HTML 10Page - Zarlink Semiconductor Inc MT8980DPR Datasheet HTML 11Page - Zarlink Semiconductor Inc MT8980DPR Datasheet HTML 12Page - Zarlink Semiconductor Inc MT8980DPR Datasheet HTML 13Page - Zarlink Semiconductor Inc MT8980DPR Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MT8980D
Data Sheet
10
Zarlink Semiconductor Inc.
Application Circuit with 6802 Processor
Fig. 10 shows an example of a complete circuit which may be used to evaluate the chip.
For convenience, a 4 MHz crystal oscillator has been used rather than a 4.096 MHz clock, as both are within the
limits of the chip’s specifications. The RC delay used with the 393 counters ensures a sufficient hold time for the
FP signal, but the values used may have to be changed if faster 393 counters become available.
The chip is shown as memory mapped into the MEK6802D3 system. Chip addresses 00-3F correspond to
processor addresses 2000-203F. Delay through the address decoder requires the VMA signal to be used twice to
remove glitches. The MEK6802D3 board uses a 10 K
Ω pullup on the MR pin, which would have to be incorporated
into the circuit if the board was replaced by a processor.


Similar Part No. - MT8980DPR

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8980DP MITEL-MT8980DP Datasheet
121Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8980DP MITEL-MT8980DP Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
More results

Similar Description - MT8980DPR

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8982 MITEL-MT8982 Datasheet
223Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Small Digital Switch (MiniDX)
MT8982-1 MITEL-MT8982-1 Datasheet
133Kb / 19P
   ISO-CMOS ST-BUS??FAMILY Small Digital Switch (MiniDX)
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT90820 MITEL-MT90820 Datasheet
69Kb / 10P
   CMOS ST-BUS??FAMILY Large Digital Switch (LDX)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com