Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVS16090Z300030 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LVS16090Z300030
Description  Chip varistor provides high reliability on surface mounting
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LVS16090Z300030 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LVS16090Z300030 Datasheet HTML 1Page - List of Unclassifed Manufacturers LVS16090Z300030 Datasheet HTML 2Page - List of Unclassifed Manufacturers LVS16090Z300030 Datasheet HTML 3Page - List of Unclassifed Manufacturers LVS16090Z300030 Datasheet HTML 4Page - List of Unclassifed Manufacturers LVS16090Z300030 Datasheet HTML 5Page - List of Unclassifed Manufacturers LVS16090Z300030 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ESD Test
(Air Discharge)
Test Voltage : 15 kV
Type of discharge : air discharge
Number of test pulses : 20 times
Polarity : +/-
(IEC 61000-4-2)
Visual : No mechanical damage
∆ V
B /VB <15%
High Temperature
Life Test
Temp. : 125± 2°C
Duration : 1000¡ 48hrs.
Applied voltage : V dc max
After completion of the test, leave the sample under
standard condition for 24± 2hrs.
Visual : No mechanical damage
∆ V
B /VB <10%
Item
Test Method
Criteria for judging
RELIABILITY TEST METHOD
Resistance to Soldering
Heat
Soldering temperature : 260± 5°C
Duration of immersion : 10 ± 1sec.
Preheating : 150°C , 1min.
Visual : No mechanical damage
∆ V
B/VB<10%
Solderability Test
Soldering temperature : 230 ± 5°C
Duration of immersion : 5± 1sec.
Preheating : 150°C , 1min.
At least 75% of the electrode must
be covered with new solder.
Adhesion
The Force W is applied to DUT.
Visual : No mechanical damage
0805 : over 2.0Kgf
0603 : over 1.0Kgf
0402 : over 0.7Kgf
Resistance to
Flexure of Substrate
The middle part of substrate shall,
successively, be pressurized by means of the
pressurizing rod at a rate of about 1
mm/sec.
Maintenance time : 5 sec.
Bending distane : 1
mm
Visual : No mechanical damage
Dry Heat Test
Test temperature : 125 ± 2°C
Test duration : 1000+48hrs.
After completion of the test, leaving the
sample under the standard conditions for 24¡ 2hrs.
Visual : No mechanical damage
∆ V
B /VB <10%
Cold Test
Test temperature : -30± 2°C
Test duration : 1000+48hrs.
After completion of the test, leaving the
sample under the standard conditions for 24+ 2hrs.
Visual : No mechanical damage
∆ V
B /VB <10%
Damp Heat Test
(Steady State)
Test temperature : 40± 2°C
Test relative humidity : 90˜95RH%
Test duration : 56days+24hrs.
After completion of the test, leaving the sample under
the standard conditions for 24± 2hrs.(IEC60068-2-3)
Visual : No mechanical damage
∆ V
B /VB <10%
Thermal Shock
Test
This cycle is repeated 50 times. After completion of the
test, leave the sample under standard condition for 24±
2hrs.
Visual : No mechanical damage
∆ V
B /VB <10%
ESD Test
(Contact discharge)
Test Voltage : 8 kV
Type of discharge : direct contact discharge
Visual : No mechanical damage
∆ V
B /VB <15%
Number of test pulses : 20 times
Polarity : +/-
(IEC 61000-4-2)
Chip Varistor
3
www.rhopointcomponents.com Tel: +44 (0) 870 608 1188 Fax: +44 (0) 870 241 2255


Similar Part No. - LVS16090Z300030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVS ETC2-LVS Datasheet
542Kb / 16P
   Sealed Power Inductors
LVS2100N ETC1-LVS2100N Datasheet
148Kb / 5P
   N-Channel PowerJFET
LVS2201N ETC1-LVS2201N Datasheet
138Kb / 5P
   Dual N-Channel PowerJFET
logo
Siemens Semiconductor G...
LVS260-DO SIEMENS-LVS260-DO Datasheet
441Kb / 7P
   SOT-23 MULTILED, Diffused
logo
List of Unclassifed Man...
LVS404012 ETC2-LVS404012 Datasheet
542Kb / 16P
   Sealed Power Inductors
More results

Similar Description - LVS16090Z300030

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DSH104C TOKO-DSH104C Datasheet
56Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DSH126C TOKO-DSH126C Datasheet
57Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH63LCB TOKO-DH63LCB Datasheet
58Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH10F TOKO-DH10F Datasheet
85Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH124C TOKO-DH124C Datasheet
69Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
DH75C TOKO-DH75C Datasheet
52Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
logo
Level One
IES-0522 LVL1-IES-0522 Datasheet
2Mb / 2P
   Provides wall and desktop mounting
logo
List of Unclassifed Man...
NRC04ZOTRF ETC2-NRC04ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
NRC10ZOTRF ETC2-NRC10ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
logo
Copal Electronics
T2710 COPAL-T2710 Datasheet
197Kb / 2P
   Gold-plated contact provides excellent reliability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com