Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8L01-12-001 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 8L01-12-001
Description  Spartan DIP Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

8L01-12-001 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  8L01-12-001 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8L01-12-001 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rhopoint Components Ltd Fax: +44 (0) 1883 712938 Phone: +44 (0) 1883 717988 web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com
E
E
E
E
ECONOMY
CONOMY
CONOMY
CONOMY
CONOMY
DIP R
DIP R
DIP R
DIP R
DIP REED
EED
EED
EED
EED
R
R
R
R
RELA
ELA
ELA
ELA
ELAYS
YS
YS
YS
YS
The Coto 8L00 Spartan Series relays combine Coto quality and economy
in the industry standard 14 pin molded DIP package. This series will cross
to all competitive DIP packages and is ideal for telecom, security, and
other general purpose applications.
8L00 S
8L00 S
8L00 S
8L00 S
8L00 SERIES
ERIES
ERIES
ERIES
ERIES
F
F
F
F
FEA
EA
EA
EA
EATURES
TURES
TURES
TURES
TURES
u Drop-in low cost replacement for industry standard DIP packages.
u Available in Form 1A, 1C, 2A and 1B packages and 5, 12, and
24 V coil designs.
u Molded thermoset body on integral lead frame design.
u Hermetically Sealed Contacts.
u Optional Electrostatic Shield and Coil Suppression Diode.
8L00 Series/Spartan DIP Reed Relays
NEW!
Dimensions in Inches
(Millimeters)


Similar Part No. - 8L01-12-001

ManufacturerPart #DatasheetDescription
logo
Coto Technology
8L01-12-001 COTO-8L01-12-001 Datasheet
330Kb / 2P
   Spartan DIP Reed Relays
More results

Similar Description - 8L01-12-001

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
8L01 RHOPOINT-8L01 Datasheet
57Kb / 2P
   Spartan DIP Reed Relays
logo
Coto Technology
8L01-05-001 COTO-8L01-05-001 Datasheet
330Kb / 2P
   Spartan DIP Reed Relays
8L01 COTO-8L01 Datasheet
1Mb / 2P
   8L SERIES/SPARTAN DIP REED RELAYS
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
   Spartan SIP Reed Relays
logo
List of Unclassifed Man...
9000 ETC-9000 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
logo
Coto Technology
9007 COTO-9007 Datasheet
557Kb / 2P
   9007 SERIES/SPARTAN SIP REED RELAYS
logo
Meder Electronic
DIP12-1A75-12D MEDER-DIP12-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-2A72-21M MEDER-DIP12-2A72-21M Datasheet
114Kb / 1P
   DIP Reed Relays
DIP24-1A75-12L MEDER-DIP24-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-1A31-12D MEDER-DIP12-1A31-12D Datasheet
92Kb / 1P
   DIP Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com