Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL610A-5ETR7 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IL610A-5ETR7
Description  Passive Input Digital Isolators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL610A-5ETR7 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IL610A-5ETR7 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL610A-5ETR7 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL610A-5ETR7 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL610A-5ETR7 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL610A-5ETR7 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL610A-5ETR7 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL610A-5ETR7 Datasheet HTML 9Page - List of Unclassifed Manufacturers IL610A-5ETR7 Datasheet HTML 10Page - List of Unclassifed Manufacturers IL610A-5ETR7 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
IL610 IL611 IL612
IL613 IL614
7
Operation
The IL600 series are current mode devices. Changes in
current flow into the input coil result in logic state changes
at the output. One of the great advantages of the passive coil
input is that both single ended and differential inputs can be
handled without the need for reverse bias protection. The
internal GMR sensor switches the output to logic low if
current flows from (In-) to (In+). Only a single resistor is
required to limit the input coil to the recommended 10 mA.
This allows large input voltages to be used since there is no
semiconductor structure on the input.
The absolute maximum current through the coil of the IL600
series is 25 mA DC. However, it is important to limit input
current to levels well below this in all applications. The
worst case logic threshold current is 10 mA. While typical
threshold currents are substantially less than this, NVE
recommends designing a 10 mA logic threshold current in
each application. In all cases, the current must flow from In-
to In+ in the coil to switch the output low. This is true
regardless of true or inverted data configurations. Output
logic high is the zero input current state.
Figure 1 shows the response of the IL600 series. The GMR
bridge structure is designed such that the output of the
isolator is logic high when no field signal is present. The
output will switch to the low state with 10 mA of coil
current and the output will switch back to the high state
when the input current falls below 2 mA. This allows glitch-
free interface with low slew rate signals.
Figure 1. IL600 Series Transfer Function
To calculate the value of the protection resistor (R1)
required, use Ohm’s law as shown in the examples below. It
should be noted that we are concerned only with the
magnitude of the voltage across the coil. The absolute values
of Vin High and Vin Low are arbitrary.
Figure 2. Series Resistor Calculation Equivalent Circuit.
Example 1. In this case, Tnom = 25ºC, Vin High is 24 V, Vin
Low is 1.8 V, and Icoil minimum is specified as 10 mA. Total
loop resistance is
5
=
)
(
=
=
=
=
+
214
55
2220
R1
Therefore,
2220
0.01
22.2
I
Low)
V
-
High
(V
)
R
(R1
coil
in
in
coil
Example 2. At a maximum operating temperature of 85°C,
Tmax = 85ºC, Tnom = 25ºC, Vin High = 5 V, Vin Low = 0 V,
and nominal Rcoil = 55 Ω. At Tmax = 85ºC
()
=
=
=
=
+
=
×
+
=
×
)
(
+
=
435
65
0.01
0
-
5
R
-
I
Low)
V
-
High
(V
R1
is
resistor
series
d
recommende
the
Therefore,
65
9
.
9
55
165
.
0
25
-
85
55
TCR
T
T
55
R
coil
coil
in
in
coil
min
max
coil
Allowance should also be made for the temperature
coefficient of the current limiting resistor to ensure that Icoil
is 10 mA at maximum operating temperature.
Power Supplies
It is recommended that 47 nF ceramic capacitors be used to
decouple the power supplies. The capacitors must be placed
as close as possible to VDD for proper operation.


Similar Part No. - IL610A-5ETR7

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL6083 IKSEMICON-IL6083 Datasheet
267Kb / 10P
   PWM Power Control IC with Interference Suppression
IL6083N IKSEMICON-IL6083N Datasheet
267Kb / 10P
   PWM Power Control IC with Interference Suppression
IL6083 IKSEMICON-IL6083_16 Datasheet
271Kb / 10P
   PWM Power Control IC with Interference Suppression
logo
Intersil Corporation
IL6336ACRZ INTERSIL-IL6336ACRZ Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
IL6336AIRZ INTERSIL-IL6336AIRZ Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
More results

Similar Description - IL610A-5ETR7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71610M RENESAS-ISL71610M Datasheet
889Kb / 27P
   Radiation Tolerant Passive-Input Digital Isolator
Nov 11, 2022
ISL71610SLHM RENESAS-ISL71610SLHM Datasheet
489Kb / 18P
   Radiation Hardened Passive-Input Digital Isolator
Nov 11, 2022
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7240 TI-ISO7240 Datasheet
755Kb / 23P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7220A-Q1 TI1-ISO7220A-Q1 Datasheet
751Kb / 24P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
logo
PHOENIX CONTACT
2864655 PHOENIX-2864655 Datasheet
254Kb / 8P
   One- and two-channel passive isolators
logo
MORNSUN Science& Techno...
TA306W-11 MORNSUN-TA306W-11 Datasheet
712Kb / 3P
   12.5mm SLIM CASE PASSIVE SIGNAL ISOLATORS
logo
Texas Instruments
ISO7240 TI-ISO7240_1 Datasheet
767Kb / 25P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7220A TI-ISO7220A Datasheet
734Kb / 25P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com