Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL614-5ETR7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IL614-5ETR7
Description  Passive Input Digital Isolators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL614-5ETR7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IL614-5ETR7 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL614-5ETR7 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL614-5ETR7 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL614-5ETR7 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL614-5ETR7 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL614-5ETR7 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL614-5ETR7 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL614-5ETR7 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL614-5ETR7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
IL610 IL611 IL612
IL613 IL614
Isoloop® is a registered trademark of NVE Corporation.
*U.S. Patent number 5,831,426; 6,300,617 and others.
ISB-DS-001-IL612-A, January 20, 2005
NVE Corp., 11409 Valley View Road, Eden Prairie, MN 55344-3617, U.S.A.
Telephone: 952-829-9217, Fax 952-829-9189, www.isoloop.com
© 2005 NVE Corporation
Passive Input Digital Isolators
Functional Diagram
Features
• 40 Mbps Data Rate
• Very Wide Input Voltage Range
• Open Drain or CMOS Outputs
• Failsafe Output (Logic high output for zero coil current )
• Output Enable
• 3.3 V or 5 V Power Supply
• 2500 VRMS Isolation (1 Minute)
• Low Power Dissipation
• -40°C to 85°C Temperature Range
• 20 kV/µs Typical Common Mode Rejection
• UL1577 & IEC61010 Approval (pending)
• Available in MSOP, SOIC, and PDIP Packages
and as Bare Die
Applications
• CAN Bus/ Device Net
• General Purpose Opto Replacement
• Wired-OR Alarms
• SPI interface
• I2C
• RS 485, RS422, RS232
• Digital Fieldbus
• Size critical multi-channel applications
Description
The IL600 series are isolated signal couplers with CMOS or
open drain transistor outputs which can be used to replace
opto-couplers in many standard isolation functions. The
devices are manufactured with NVE’s patented IsoLoop®
GMR sensor technology giving exceptionally small size and
low power dissipation.
A single resistor is used to set maximum input current for
input voltages above 0.5 V. The devices are available in
SOIC, PDIP and MSOP packages and as bare die.


Similar Part No. - IL614-5ETR7

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL6083 IKSEMICON-IL6083 Datasheet
267Kb / 10P
   PWM Power Control IC with Interference Suppression
IL6083N IKSEMICON-IL6083N Datasheet
267Kb / 10P
   PWM Power Control IC with Interference Suppression
IL6083 IKSEMICON-IL6083_16 Datasheet
271Kb / 10P
   PWM Power Control IC with Interference Suppression
logo
Intersil Corporation
IL6336ACRZ INTERSIL-IL6336ACRZ Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
IL6336AIRZ INTERSIL-IL6336AIRZ Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
More results

Similar Description - IL614-5ETR7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71610M RENESAS-ISL71610M Datasheet
889Kb / 27P
   Radiation Tolerant Passive-Input Digital Isolator
Nov 11, 2022
ISL71610SLHM RENESAS-ISL71610SLHM Datasheet
489Kb / 18P
   Radiation Hardened Passive-Input Digital Isolator
Nov 11, 2022
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7240 TI-ISO7240 Datasheet
755Kb / 23P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7220A-Q1 TI1-ISO7220A-Q1 Datasheet
751Kb / 24P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
logo
PHOENIX CONTACT
2864655 PHOENIX-2864655 Datasheet
254Kb / 8P
   One- and two-channel passive isolators
logo
MORNSUN Science& Techno...
TA306W-11 MORNSUN-TA306W-11 Datasheet
712Kb / 3P
   12.5mm SLIM CASE PASSIVE SIGNAL ISOLATORS
logo
Texas Instruments
ISO7240 TI-ISO7240_1 Datasheet
767Kb / 25P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7220A TI-ISO7220A Datasheet
734Kb / 25P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com