Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5DU56822ALT Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HY5DU56822ALT
Description  256M-S DDR SDRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU56822ALT Datasheet(HTML) 3 Page - Hynix Semiconductor

  HY5DU56822ALT Datasheet HTML 1Page - Hynix Semiconductor HY5DU56822ALT Datasheet HTML 2Page - Hynix Semiconductor HY5DU56822ALT Datasheet HTML 3Page - Hynix Semiconductor HY5DU56822ALT Datasheet HTML 4Page - Hynix Semiconductor HY5DU56822ALT Datasheet HTML 5Page - Hynix Semiconductor HY5DU56822ALT Datasheet HTML 6Page - Hynix Semiconductor HY5DU56822ALT Datasheet HTML 7Page - Hynix Semiconductor HY5DU56822ALT Datasheet HTML 8Page - Hynix Semiconductor HY5DU56822ALT Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
DESCRIPTION
The Hynix HY5DU56422, HY5DU56822 and HY5DU561622 are a 268,435,456-bit CMOS Double Data Rate(DDR) Syn-
chronous DRAM, ideally suited for the main memory applications which requires large memory density and high band-
width.
The Hynix 256Mb DDR SDRAMs offer fully synchronous operations referenced to both rising and falling edges of the
clock. While all addresses and control inputs are latched on the rising edges of the CK (falling edges of the /CK), Data,
Data strobes and Write data masks inputs are sampled on both rising and falling edges of it. The data paths are inter-
nally pipelined and 2-bit prefetched to achieve very high bandwidth. All input and output voltage levels are compatible
with SSTL_2.
FEATURES
PRELIMINARY
Rev. 0.4 / May. 02
3
HY5DU56422A(L)T
HY5DU56822A(L)T
HY5DU561622A(L)T
•VDD, VDDQ = 2.5V +/- 0.2V
All inputs and outputs are compatible with SSTL_2
interface
Fully differential clock inputs (CK, /CK) operation
Double data rate interface
Source synchronous - data transaction aligned to
bidirectional data strobe (DQS)
x16 device has two bytewide data strobes (UDQS,
LDQS) per each x8 I/O
Data outputs on DQS edges when read (edged DQ)
Data inputs on DQS centers when write (centered
DQ)
On chip DLL align DQ and DQS transition with CK
transition
DM mask write data-in at the both rising and falling
edges of the data strobe
All addresses and control inputs except data, data
strobes and data masks latched on the rising edges
of the clock
Programmable CAS latency 1.5, 2, 2.5 and 3
supported
Programmable burst length 2 / 4 / 8 with both
sequential and interleave mode
Internal four bank operations with single pulsed
/RAS
tRAS Lock-out function supported
Auto refresh and Self refresh supported
8192 refresh cycles / 64ms
JEDEC standard 400mil 66pin TSOP-II with 0.65mm
pin pitch
Full and Half strength driver option controlled by
EMRS
ORDERING INFORMATION
* X means speed grade
Part No.
Configuration
Package
HY5DU56422A(L)T-X*
64Mx4
400mil
66pin
TSOP-II
HY5DU56822A(L)T-X*
32Mx8
HY5DU561622A(L)T-X*
16Mx16
OPERATING FREQUENCY
Grade
CL2
CL2.5
Remark
(CL-tRCD-tRP)
- J
133MHz
166MHz
DDR333 (2.5-3-3)
- M
133MHz
133MHz
DDR266 (2-2-2)
- K
133MHz
133MHz
DDR266A (2-3-3)
- H
100MHz
133MHz
DDR266B (2.5-3-3)
- L
100MHz
125MHz
DDR200 (2-2-2)
* CL1.5 @ DDR200 supported
* CL3 supported


Similar Part No. - HY5DU56822ALT

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU56822BT-D HYNIX-HY5DU56822BT-D Datasheet
235Kb / 32P
   256M-P DDR SDRAM
HY5DU56822BT-D4/D43 HYNIX-HY5DU56822BT-D4/D43 Datasheet
235Kb / 32P
   256M-P DDR SDRAM
HY5DU56822CT-D HYNIX-HY5DU56822CT-D Datasheet
249Kb / 34P
   256M-P DDR SDRAM
HY5DU56822CT-D4 HYNIX-HY5DU56822CT-D4 Datasheet
249Kb / 34P
   256M-P DDR SDRAM
HY5DU56822CT-D43 HYNIX-HY5DU56822CT-D43 Datasheet
249Kb / 34P
   256M-P DDR SDRAM
More results

Similar Description - HY5DU56822ALT

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
logo
Hynix Semiconductor
HY5DU561622FLTP-5 HYNIX-HY5DU561622FLTP-5 Datasheet
185Kb / 28P
   256M(16Mx16) DDR SDRAM
HY5DU561622FLTP-5I HYNIX-HY5DU561622FLTP-5I Datasheet
184Kb / 28P
   256M(16Mx16) DDR SDRAM
HY5DU56422BT-D4 HYNIX-HY5DU56422BT-D4 Datasheet
235Kb / 32P
   256M-P DDR SDRAM
logo
Elpida Memory
EDD2516AKTA ELPIDA-EDD2516AKTA Datasheet
509Kb / 49P
   256M bits DDR SDRAM
EDD2508AKTA ELPIDA-EDD2508AKTA Datasheet
494Kb / 50P
   256M bits DDR SDRAM
logo
Hynix Semiconductor
HY5DU56422CT-D4 HYNIX-HY5DU56422CT-D4 Datasheet
249Kb / 34P
   256M-P DDR SDRAM
logo
Elpida Memory
EDD2516AMTA-6B-E ELPIDA-EDD2516AMTA-6B-E Datasheet
378Kb / 33P
   256M bits DDR SDRAM
EDD2504AJTA ELPIDA-EDD2504AJTA Datasheet
497Kb / 50P
   256M bits DDR SDRAM
EDD2508ARTA-5B ELPIDA-EDD2508ARTA-5B Datasheet
380Kb / 33P
   256M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com