Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC157ABQ Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC157ABQ
Description  Quad 2-input multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC157ABQ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC157ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC157ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC157ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC157ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC157ABQ Datasheet HTML 9Page - NXP Semiconductors 74LVC157ABQ Datasheet HTML 10Page - NXP Semiconductors 74LVC157ABQ Datasheet HTML 11Page - NXP Semiconductors 74LVC157ABQ Datasheet HTML 12Page - NXP Semiconductors 74LVC157ABQ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
2003 Dec 02
9
Philips Semiconductors
Product specification
Quad 2-input multiplexer
74LVC157A
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.5 ns.
Notes
1. All typical values are measured at Tamb =25 °C.
2. This typical value is measured at VCC = 3.3 V and Tamb =25 °C.
3. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed
by design.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C; note 1
tPHL/tPLH
propagation delay nI0,
nI1 to nY
see Figs 8 and 9 1.2
16
ns
2.7
1.0
3.0
5.9
ns
3.0 to 3.6
1.0
2.6(2)
5.2
ns
propagation delay E to nY
see Figs 7 and 9 1.2
17
ns
2.7
1.0
3.4
7.8
ns
3.0 to 3.6
1.0
2.8(2)
6.5
ns
propagation delay S to nY
see Figs 8 and 9 1.2
16
ns
2.7
1.0
3.0
7.3
ns
3.0 to 3.6
1.0
2.6(2)
6.3
ns
tsk(0)
skew
note 3
3.0 to 3.6
−−
1.0
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay nI0,
nI1 to nY
see Figs 8 and 9 1.2
−−−
ns
2.7
1.0
7.5
ns
3.0 to 3.6
1.0
6.5
ns
propagation delay E to nY
see Figs 7 and 9 1.2
−−−
ns
2.7
1.0
10.0
ns
3.0 to 3.6
1.0
8.5
ns
propagation delay S to nY
see Figs 8 and 9 1.2
−−−
ns
2.7
1.0
9.5
ns
3.0 to 3.6
1.0
8.0
ns
tsk(0)
skew
note 3
3.0 to 3.6
−−
1.5
ns


Similar Part No. - 74LVC157ABQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC157ABQ NEXPERIA-74LVC157ABQ Datasheet
254Kb / 15P
   Quad 2-input multiplexer
Rev. 10 - 20 September 2021
74LVC157ABQ-Q100 NEXPERIA-74LVC157ABQ-Q100 Datasheet
720Kb / 17P
   Quad 2-input multiplexer
More results

Similar Description - 74LVC157ABQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com