Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCH162244ADGG Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVCH162244ADGG
Description  16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH162244ADGG Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVCH162244ADGG Datasheet HTML 2Page - NXP Semiconductors 74LVCH162244ADGG Datasheet HTML 3Page - NXP Semiconductors 74LVCH162244ADGG Datasheet HTML 4Page - NXP Semiconductors 74LVCH162244ADGG Datasheet HTML 5Page - NXP Semiconductors 74LVCH162244ADGG Datasheet HTML 6Page - NXP Semiconductors 74LVCH162244ADGG Datasheet HTML 7Page - NXP Semiconductors 74LVCH162244ADGG Datasheet HTML 8Page - NXP Semiconductors 74LVCH162244ADGG Datasheet HTML 9Page - NXP Semiconductors 74LVCH162244ADGG Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
2003 Dec 12
10
Philips Semiconductors
Product specification
16-bit buffer/line driver, 30
Ω series termination
resistors; 5 V tolerant input/output; 3-state
74LVC162244A;
74LVCH162244A
AC WAVEFORMS
handbook, halfpage
MNA171
nAn input
nYn output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL
Fig.5 The input nAn to output nYn propagation delays.
VOL and VOH are typical output voltage drop that occur with the output load.
VCC
VM
INPUT
VI
tr =tf
1.2 V
0.5
× VCC VCC
≤ 2.5 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns


Similar Part No. - 74LVCH162244ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH162244ADGG PHILIPS-74LVCH162244ADGG Datasheet
104Kb / 16P
   16-bit buffer/line driver, 30 OHM series
2003 Dec 12
logo
Nexperia B.V. All right...
74LVCH162244ADGG NEXPERIA-74LVCH162244ADGG Datasheet
249Kb / 13P
   16-bit buffer/line driver; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
More results

Similar Description - 74LVCH162244ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74LVC16244A PHILIPS-74LVC16244A Datasheet
78Kb / 10P
   16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ALVCH162244 PHILIPS-74ALVCH162244 Datasheet
90Kb / 11P
   16-bit buffer/line driver with 30ohm termination resistor 3-State
1998 Jun 29
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74LVC162245A PHILIPS-74LVC162245A Datasheet
84Kb / 10P
   16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
2003 Dec 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com