Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4011 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4011
Description  High Efficiency Standalone Nickel Battery Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4011 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4011 Datasheet HTML 3Page - Linear Technology LTC4011 Datasheet HTML 4Page - Linear Technology LTC4011 Datasheet HTML 5Page - Linear Technology LTC4011 Datasheet HTML 6Page - Linear Technology LTC4011 Datasheet HTML 7Page - Linear Technology LTC4011 Datasheet HTML 8Page - Linear Technology LTC4011 Datasheet HTML 9Page - Linear Technology LTC4011 Datasheet HTML 10Page - Linear Technology LTC4011 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC4011
4011p
INTVDD (Pin 14): Internal 5V Regulator Output. This pin
provides a means of bypassing the internal 5V regulator
used to power the BGATE output driver. Typically, power
should not be drawn from this pin by the application
circuit. Refer to the Application Information section for
additional details.
BGATE (Pin 15): External Synchronous N-channel MOSFET
Gate Control Output. This output provides gate drive to an
optional external NMOS power transistor switch used for
synchronous rectification to increase efficiency in the
step-down DC/DC converter. Operating voltage is GND to
INTVDD. BGATE should be left floating if not used.
PGND (Pin 16): Power Ground. This pin provides a return
for switching currents generated by internal LTC4011
circuits. Externally, PGND and GND should be wired
together using a very low impedance connection. Refer to
PCB Layout Considerations in the Applications Informa-
tion section for additional grounding details.
TGATE (Pin 17): External P-channel MOSFET Gate Control
Output. This output provides gate drive to an external
PMOS power transistor switch used in the DC/DC con-
verter. Operating voltage range varies as a function of VCC.
Refer to the Electrical Characteristics table for specific
voltages.
PI FU CTIO S
VCC (Pin 18): Power Input. External PowerPath control
circuits normally connect either the DC input power supply
or the battery to this pin. Refer to the Applications Infor-
mation section for further details. Suggested applied
voltage range is GND to 34V.
READY (Pin 19): Active-Low Ready-to-Charge Output.
The LTC4011 connects this pin to GND if proper operating
voltages for charging are present. Refer to the Operation
section for complete details on charge qualification. This
output is capable of driving an LED and should be left
floating if not used. READY is an open-drain output to GND
with an operating voltage range of GND to VCC.
INFET (Pin 20): PowerPath Control Output. For very low
dropout applications, this output may be used to drive the
gate of an input PMOS pass transistor connected between
the DC input (DCIN) and the raw system supply rail (VCC).
INFET is internally clamped about 6V below VCC. Maxi-
mum operating voltage is VCC. INFET should be left
floating if not used.
Exposed Pad (Pin 21): This pin provides enhanced
thermal properties for the TSSOP. It must be soldered to
the PCB copper ground to obtain optimum thermal
performance.


Similar Part No. - LTC4011

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4011 LINER-LTC4011 Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4011CFE LINER-LTC4011CFE Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4011CFEPBF LINER-LTC4011CFEPBF Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4011CFETR LINER-LTC4011CFETR Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4011CFETRPBF LINER-LTC4011CFETRPBF Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
More results

Similar Description - LTC4011

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4010 LINEAR-LTC4010 Datasheet
204Kb / 20P
   High Efficiency Standalone Nickel Battery Charger
logo
Linear Technology
LTC4011 LINER-LTC4011_15 Datasheet
663Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4010 LINER-LTC4010 Datasheet
286Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4011 LINER-LTC4011_1 Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4010 LINER-LTC4010_15 Datasheet
290Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com