Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCH162245ADL Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVCH162245ADL
Description  16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH162245ADL Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVCH162245ADL Datasheet HTML 2Page - NXP Semiconductors 74LVCH162245ADL Datasheet HTML 3Page - NXP Semiconductors 74LVCH162245ADL Datasheet HTML 4Page - NXP Semiconductors 74LVCH162245ADL Datasheet HTML 5Page - NXP Semiconductors 74LVCH162245ADL Datasheet HTML 6Page - NXP Semiconductors 74LVCH162245ADL Datasheet HTML 7Page - NXP Semiconductors 74LVCH162245ADL Datasheet HTML 8Page - NXP Semiconductors 74LVCH162245ADL Datasheet HTML 9Page - NXP Semiconductors 74LVCH162245ADL Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2003 Dec 08
8
Philips Semiconductors
Product specification
16-bit transceiver with direction pin; 30
Ω series
termination resistors; 5 V tolerant input/output; 3-state
74LVC162245A;
74LVCH162245A
DC CHARACTERISTICS
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 to +85 °C
VIH
HIGH-level input voltage
1.2
VCC
−−
V
2.7 to 3.6
2.0
−−
V
VIL
LOW-level input voltage
1.2
−−
GND
V
2.7 to 3.6
−−
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −100 µA
2.7 to 3.6
VCC − 0.2
VCC
V
IO = −6 mA
2.7
VCC − 0.5
−−
V
IO = −12 mA
3.0
VCC − 0.8
−−
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO = 100 µA
2.7 to 3.6
0
0.20
V
IO =6mA
2.7
−−
0.40
V
IO =12mA
3.0
−−
0.55
V
ILI
input leakage current
VI = 5.5 V or GND;
note 2
3.6
−±0.1
±5
µA
IOZ
3-state output OFF-state
current
VI =VIH or VIL;
VO = 5.5 V or GND;
notes 2 and 3
3.6
−±0.1
±5
µA
Ioff
power-off leakage supply
current
VI or VO = 5.5 V
0.0
−±0.1
±10
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0
3.6
0.1
20
µA
∆ICC
additional quiescent supply
current per input pin
VI =VCC − 0.6 V;
IO =0
2.7 to 3.6
5
500
µA
IBHL
bushold LOW sustaining
current
VI = 0.8 V;
notes 4 and 5
3.0
75
−−µA
IBHH
bushold HIGH sustaining
current
VI = 2.0 V;
notes 4 and 5
3.0
−75
−−µA
IBHLO
bushold LOW overdrive
current
notes 4 and 6
3.6
500
−−µA
IBHHO
bushold HIGH overdrive
current
notes 4 and 6
3.6
−500
−−µA


Similar Part No. - 74LVCH162245ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH162245ADL PHILIPS-74LVCH162245ADL Datasheet
112Kb / 17P
   16-bit transceiver with direction pin;
2003 Dec 08
More results

Similar Description - 74LVCH162245ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
74ABT162245A PHILIPS-74ABT162245A Datasheet
83Kb / 12P
   16-Bit bus transceiver with 30ohm series termination resistors 3-State
1998 Feb 25
74ALVCH162245 PHILIPS-74ALVCH162245 Datasheet
94Kb / 11P
   16-bit bus transceiver with direction pin and 30ohm termination resistor 3-State
1998 Jun 29
74ABT2245 PHILIPS-74ABT2245 Datasheet
107Kb / 12P
   Octal transceiver with direction pin with 30ohm series termination resistors 3-State
1998 Jan 16
74LVC162244A PHILIPS-74LVC162244A Datasheet
79Kb / 10P
   16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
74LVC_LVCH162245A PHILIPS-74LVC_LVCH162245A_15 Datasheet
237Kb / 16P
   16-bit transceiver with direction pin, 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-23 November 2011
74LVCH322245A PHILIPS-74LVCH322245A_15 Datasheet
119Kb / 15P
   32-bit bus transceiver with direction pin; 30 ??series termination resistors; 5 V tolerant; 3-state
Rev. 4-20 December 2011
logo
STMicroelectronics
74LVX16245 STMICROELECTRONICS-74LVX16245 Datasheet
248Kb / 10P
   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5V TOLERANT INPUTS
July 2003
logo
Nexperia B.V. All right...
74LVCH162245A NEXPERIA-74LVCH162245A Datasheet
257Kb / 14P
   16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
74LVC162245A-Q100 NEXPERIA-74LVC162245A-Q100 Datasheet
237Kb / 14P
   16-bit transceiver with direction pin; 30 廓 series termination resistors; 5 V tolerant input/output; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com