Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4392IPFB Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # SRC4392IPFB
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4392IPFB Datasheet(HTML) 2 Page - Burr-Brown (TI)

  SRC4392IPFB Datasheet HTML 1Page - Burr-Brown (TI) SRC4392IPFB Datasheet HTML 2Page - Burr-Brown (TI) SRC4392IPFB Datasheet HTML 3Page - Burr-Brown (TI) SRC4392IPFB Datasheet HTML 4Page - Burr-Brown (TI) SRC4392IPFB Datasheet HTML 5Page - Burr-Brown (TI) SRC4392IPFB Datasheet HTML 6Page - Burr-Brown (TI) SRC4392IPFB Datasheet HTML 7Page - Burr-Brown (TI) SRC4392IPFB Datasheet HTML 8Page - Burr-Brown (TI) SRC4392IPFB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
www.ti.com
APPLICATIONS
DESCRIPTION
SRC4392
SBFS029B – DECEMBER 2005 – REVISED APRIL 2006
The SRC4392 is configured using on-chip control
registers and data buffers, which are accessed
DIGITAL AUDIO RECORDERS AND
through either a 4-wire serial peripheral interface
MIXING DESKS
(SPI) port, or a 2-wire Philips I2C bus interface.
DIGITAL AUDIO INTERFACES FOR
Status registers provide access to a variety of flag
COMPUTERS
and error bits, which are derived from the various
DIGITAL AUDIO ROUTERS AND
function blocks. An open drain interrupt output pin is
DISTRIBUTION SYSTEMS
provided, and is supported by flexible interrupt
BROADCAST STUDIO EQUIPMENT
reporting and mask options via control register
settings. A master reset input pin is provided for
DVD/CD RECORDERS
initialization by a host processor or supervisory
SURROUND SOUND DECODERS AND
functions.
A/V RECEIVERS
The SRC4392 requires a +1.8V core logic supply, in
CAR AUDIO SYSTEMS
addition to a +3.3V supply for powering portions of
the DIR, DIT, and line driver and receiver functions.
A separate logic I/O supply supports operation from
The SRC4392 is a highly-integrated CMOS device
+1.65V to +3.6V, providing compatibility with low
designed for use in professional and broadcast
voltage logic interfaces typically found on digital
digital audio systems. The SRC4392 combines a
signal processors and programmable logic devices.
high-performance,
two-channel,
asynchronous
The SRC4392 is available in a lead-free, TQFP-48
sample rate converter (SRC) with a digital audio
package, and is pin- and register-compatible with the
interface receiver (DIR) and transmitter (DIT), two
Texas Instruments SRC4382 and DIX4192 products.
audio serial ports, and flexible distribution logic for
interconnection of the function block data and clocks.
The DIR and DIT are compatible with the AES3,
S/PDIF, IEC 60958, and EIAJ CP-1201 interface
standards. The audio serial ports, DIT, and SRC may
be operated at sampling rates up to 216kHz. The
DIR lock range includes sampling rates from 20kHz
to 216kHz.
2
Submit Documentation Feedback


Similar Part No. - SRC4392IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4392 TI1-SRC4392 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
More results

Similar Description - SRC4392IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com