Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4392IPFB Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # SRC4392IPFB
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4392IPFB Datasheet(HTML) 3 Page - Burr-Brown (TI)

  SRC4392IPFB Datasheet HTML 1Page - Burr-Brown (TI) SRC4392IPFB Datasheet HTML 2Page - Burr-Brown (TI) SRC4392IPFB Datasheet HTML 3Page - Burr-Brown (TI) SRC4392IPFB Datasheet HTML 4Page - Burr-Brown (TI) SRC4392IPFB Datasheet HTML 5Page - Burr-Brown (TI) SRC4392IPFB Datasheet HTML 6Page - Burr-Brown (TI) SRC4392IPFB Datasheet HTML 7Page - Burr-Brown (TI) SRC4392IPFB Datasheet HTML 8Page - Burr-Brown (TI) SRC4392IPFB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 79 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
SRC4392
SBFS029B – DECEMBER 2005 – REVISED APRIL 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
PACKAGE
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
SRC4392IPFBT
Tape and Reel, 250
SRC4392
TQFP-48
PFB
–40°C to +85°C
SRC4392I
SRC4392IPFBR
Tape and Reel, 2000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Power Supplies
VDD18
–0.3V to +2.0V
VDD33
–0.3V to +4.0V
VIO
–0.3V to +4.0V
VCC
–0.3V to +4.0V
Digital Input Voltage: Digital Logic
RXCKI, MUTE, CPM, CS, CCLK, CDIN, CDOUT, INT, RST, MCLK, BLS, SYNC, BCKA,
–0.3V to (VIO + 0.3V)
BCKB, LRCKA, LRCKB, SDINA, SDINB
Line Receiver Input Voltage (per pin)
RX1+, RX1–, RX2+, RX2–, RX3+, RX3–, RX4+, RX4–
(VDD33 + 0.3) VPP
Input Current (all pins except power and ground)
±10mA
Ambient Operating Temperature
–40°C to +85°C
Storage Temperature
–65°C to +150°C
(1)
These limits are stress ratings only. Stresses beyond these limits may result in permanent damage. Extended exposure to absolute
maximum ratings may degrade device reliability. Normal operation or performance at or beyond these limits is not specified or ensured.
3
Submit Documentation Feedback


Similar Part No. - SRC4392IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4392 TI1-SRC4392 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
More results

Similar Description - SRC4392IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com