Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9402-05-10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9402-05-10
Description  Surface Mount Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9402-05-10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9402-05-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9402-05-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rhopoint Components Ltd Fax: +44 (0) 1883 712938 Phone: +44 (0) 1883 717988 web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com
9400-9800 Series/Surface Mount Reed Relays
Top View:
Dot stamped on top of relay refers to pin #1 location
Environmental Ratings2
Storage Temp: -35°C to +100°C; Operating Temp: -20°C to +85°C
The operate and release voltage and the coil resistance are
specified at 25°C. These values vary by approximately
0.4%/°C as the ambient temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Notes:
1 Consult factory for life expectancy at other switching
loads. Contact resistance 2.0
Ω defines end of life.
2 Surface mount component processing temperature:
430°F(221°C) max for 1 minute dwell time. Tempera
ture measured on leads where lead exits molded package.
3 Consists of 20V Zener-diode and 1N1002 diode in series,
connected in parallel with coil.
Model Number
9401
9402
9802
Parameters
Test Conditions
Units
1 Form A
1 Form A
50
Ω Coaxial
1 Form A
50
Ω Coaxial
COIL SPECIFICATIONS
Nom. Coil Voltage
VDC
5
12
5
12
5
Max. Coil Voltage
VDC
6.2
15.0
6.2
15.0
6
Coil Resistance
+/- 10%, 25° C
200
825
200
825
150
Operate Voltage
Must Operate by
VDC - Max.
3.75
9.0
3.75
9.0
3.8
Release Voltage
Must Release by
VDC - Min.
0.4
1.0
0.4
1.0
0.4
CONTACT RATINGS
Switching Voltage
Max DC/Peak AC Resist.
Volts
200
200
100
Switching Current
Max DC/Peak AC Resist.
Amps
0.5
0.5
0.25
Carry Current
Max DC/Peak AC Resist.
Amps
1
1
0.5
Contact Rating
Max DC/Peak AC Resist.
Watts
10
10
3
Life Expectancy-Typical
1
Signal Level 1.0V,10mA
x 10
6 Ops.
250
250
250
Static Contact Resistance
(max. init.)
50mV, 10mA
0.125
0.125
0.125
Dynamic Contact Resistance
(max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
0.150
0.150
0.150
RELAY SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
x 10
12
x 10
12
x 10
12
Capacitance - Typical
Across Open Contacts
No Shield
Shield Floating
Shield Guarding
pF
pF
pF
0.2
-
-
-
0.4
0.1
-
-
0.2
Open Contact to Coil
No Shield
Shield Floating
Shield Guarding
pF
pF
pF
1.1
-
-
-
1.1
0.1
-
-
0.5
Closed Contact to Coil
Shield Guarding
pF
-
-
0.5
Contact to Shield
Contacts Open,
Shield Floating
pF
-
1.1
-
Dielectric Strength
(minimum)
Between Contacts
Contacts to Shield
Contacts/Shield to Coil
VDC/peak AC
VDC/peak AC
VDC/peak AC
300
-
1500
300
1500
1500
200
1500
1500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.40
0.40
0.25
Release Time - Typical
Zener-Diode Suppression
3
msec.
0.20
0.20
0.05


Similar Part No. - 9402-05-10

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9402-05-00 COTO-9402-05-00 Datasheet
287Kb / 2P
   Series/Surface Mount Reed Relays
9402-05-20 COTO-9402-05-20 Datasheet
287Kb / 2P
   Series/Surface Mount Reed Relays
9402-05-30 COTO-9402-05-30 Datasheet
287Kb / 2P
   Series/Surface Mount Reed Relays
More results

Similar Description - 9402-05-10

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9200 COTO-9200 Datasheet
307Kb / 2P
   Surface Mount Reed Relays
logo
RHOPOINT COMPONENTS
9201-05-00 RHOPOINT-9201-05-00 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
9401 RHOPOINT-9401 Datasheet
54Kb / 2P
   Surface Mount Reed Relays
logo
DB Lectro Inc
17D-1A12G DBLECTRO-17D-1A12G Datasheet
1Mb / 4P
   SURFACE MOUNT REED RELAYS
logo
Coto Technology
9901-05-00 COTO-9901-05-00_14 Datasheet
447Kb / 2P
   SURFACE MOUNT REED RELAYS
logo
List of Unclassifed Man...
9852 ETC-9852 Datasheet
96Kb / 2P
   Surface Mount Reed Relays
logo
DB Lectro Inc
10R-1A12G DBLECTRO-10R-1A12G Datasheet
1Mb / 4P
   SURFACE MOUNT REED RELAYS
logo
Coto Technology
9802-03-00 COTO-9802-03-00 Datasheet
366Kb / 2P
   Surface Mount Reed Relays
9901-05-00 COTO-9901-05-00 Datasheet
294Kb / 2P
   Surface Mount Reed Relays
9300 COTO-9300 Datasheet
287Kb / 2P
   Series/Surface Mount Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com