Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ4100 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MAZ4100
Description  Zener Diodes Silicon planar type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ4100 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MAZ4100 Datasheet HTML 1Page - Panasonic Semiconductor MAZ4100 Datasheet HTML 2Page - Panasonic Semiconductor MAZ4100 Datasheet HTML 3Page - Panasonic Semiconductor MAZ4100 Datasheet HTML 4Page - Panasonic Semiconductor MAZ4100 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
MAZ4xxx Series
SKE00004DED
MAZ4020
1.88
2.24
0.5 120

100
1 2000
−3.5 −1.5 0 375 450 Red Black Black
MAZ4022
2.08
2.45
0.7 120

100
1 2000
−3.5 −1.5 0 375 450 Red
Red
Red
MAZ4024
2.28
2.70
1.0 120

100
1 2000
−3.5 −1.6 0 375 450 Red Yellow Yellow
MAZ4027
2.50
2.90
1.0 100

100
1 1000
−3.5 −2.0 0 350 450 Red Purple Purple
MAZ4030
2.80
3.20
1.0
50

100
1 1000
−3.5 −2.1 0 350 450 Orange Black Black
MAZ4033
3.10
3.50
1.0
20

100
1 1000
−3.5 −2.4 0 325 450 Orange Orange Orange
MAZ4036
3.40
3.80
1.0
10

100
1 1000
−3.5 −2.4 0 300 450 Orange Blue Blue
MAZ4039
3.70
4.10
1.0
10

100
1 1000
−3.5 −2.5 0 300 450 Orange White White
MAZ4043
4.00
4.60
1.0
10

100
1 1000
−3.5 −2.5 0 275 450 Yellow Orange Orange
MAZ4047
4.40
5.00
1.0
3

80
1
900
−3.5 −1.4 0.2 130 180 Yellow Purple Purple
MAZ4051
4.80
5.40
2.0
2

60
1
800
−2.7 −0.8 1.2 110 160 Green Brown Brown
MAZ4056
5.30
6.00
2.0
1

40
1
500
−2.0 1.2 2.5 95 140 Green Blue Blue
MAZ4062
5.80
6.60
4.0
3
5.3
60
20
0.5 300 0.4 2.3 3.7
90 130
Blue
Red
Red
MAZ4068
6.40
7.20
4.0
2
5.9
60
15
0.5 140 1.2 3.0 4.5
85 110
Blue
Gray
Gray
MAZ4075
7.00
7.90
5
1
6.5
60
15
0.5 120 2.5 4.0 5.3
80 100 Purple Green Green
MAZ4082
7.70
8.70
5
0.5 7.2
60
15
0.5 120 3.2 4.6 6.2
75
95
Gray
Red
Red
MAZ4091
8.50
9.60
6
0.2 8.0
60
15
0.5 130 3.8 5.5 7.0
70
90 White Brown Brown
MAZ4100
9.40
10.60
7
0.2 8.9
60
20
0.5 130 4.5 6.4 8.0
70
90 Brown Black
MAZ4110
10.40
11.60
7
0.1 9.9
60
20
0.5 170 5.4 7.4 9.0
65
85 Brown Brown
MAZ4120
11.40
12.70
8
0.1 10.9 60
25
0.5 170 6.0 8.4 10.0 65
85 Brown
Red
MAZ4130
12.40
14.10
9
0.1 11.9 60
30
0.5 170 7.0 9.4 11.0 60
80 Brown Orange
MAZ4140
13.65
14.35
9
0.1 13.1 60
30
0.5 170 7.0 10.0 13.0 60
80 Brown Yellow
MAZ4150
13.90
15.60
10 0.05 13.4 60
30
0.5 170 9.2 11.4 13.0 55
75 Brown Green
MAZ4160
15.30
17.10
11 0.05 14.8 60
40
0.5 170 10.4 12.4 14.0 52
75 Brown Blue
MAZ4180
16.90
19.10
13 0.05 16.4 60
45
0.5 170 12.4 14.4 16.0 47
70 Brown Gray
MAZ4200
18.80
21.20
14 0.05 18.3 60
55
0.5 180 14.4 16.4 18.0 36
60
Red
Black
MAZ4220
20.80
23.30
15 0.05 20.3 60
55
0.5 180 16.4 18.4 20.0 34
60
Red
Red
MAZ4240
22.80
25.60
17 0.05 22.3 60
70
0.5 180 18.4 20.4 22.0 33
55
Red
Yellow
■ Electrical Characteristics within Part Numbers T
a = 25°C ± 3°C
• V
Z = 2.0 V to 6.8 V (IZ = 5 mA)
Part number
VZ (V)
IR1 (
µA) IR2 (µA) RZ (Ω)RZK (Ω)SZ (mV/°C)
IZ
= 5 mA
VR
VR
IZ
= 5 mA IZ
IZ
= 5 mA
Min
Max
(V) Max (V) Max
Max
(mA) Max Min Typ Max
1st.
2nd.
3rd.
Ct (pF)
(VR
= 0 V)
f
= 1 MHz
Typ Max
Zener voltage
Reverse
current
Terminal
capaci-
tance
Zener
Zener rise
Temperature
operating operating
coefficient of
resistance resistance zener voltage
Marking symbol
Color indication
Main body:
Light green
(
)
MAZ4270
25.10
28.90
19 0.05 24.8 60
80
0.5 200 21.4 23.4 25.3 30
50
Red
Purple
MAZ4300
28.00
32.00
21 0.05 27.8 60
80
0.5 200 24.4 26.6 29.4 27
50 Orange Black
MAZ4330
31.00
35.00
23 0.05 30.7 60
80
0.5 200 27.4 29.7 33.4 25
45 Orange Orange
MAZ4360
34.00
38.00
25 0.05 33.6 60
90
0.5 200 30.4 33.0 37.4 23
45 Orange Blue
MAZ4390
37.00
41.00
27 0.05 36.0 60
130
0.5 250 33.4 36.4 41.2 21
45 Orange White
• V
Z = 27.0 V to 39.0 V (IZ = 2 mA)
Part number
VZ (V)
IR1 (
µA) IR2 (µA) RZ (Ω)RZK (Ω)SZ (mV/°C)
IZ
= 2 mA
VR
VR
IZ
= 2 mA IZ
IZ
= 2 mA
Min
Max
(V) Max (V) Max
Max
(mA) Max Min Typ Max
1st.
2nd.
3rd.
Ct (pF)
(VR = 0 V)
f
= 1 MHz
Typ Max
Zener voltage
Reverse
current
Terminal
capaci-
tance
Zener
Zener rise
Temperature
operating operating
coefficient of
resistance resistance zener voltage
Marking symbol
Color indication
Main body:
Light green
(
)


Similar Part No. - MAZ4100

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ4100 PANASONIC-MAZ4100 Datasheet
76Kb / 6P
   Silicon planar type
MAZ4100 PANASONIC-MAZ4100 Datasheet
72Kb / 5P
   Silicon planar type
MAZ4100 PANASONIC-MAZ4100 Datasheet
107Kb / 7P
   Silicon planar type
MAZ4100 PANASONIC-MAZ4100 Datasheet
104Kb / 7P
   Silicon planar type
MAZ4100-H PANASONIC-MAZ4100-H Datasheet
76Kb / 6P
   Silicon planar type
More results

Similar Description - MAZ4100

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3180 PANASONIC-MA3180 Datasheet
108Kb / 7P
   Zener Diodes Silicon planar type
MAZ7051 PANASONIC-MAZ7051 Datasheet
96Kb / 4P
   Zener Diodes Silicon planar type
logo
Zowie Technology Corpor...
MM1Z2B4H ZOWIE-MM1Z2B4H Datasheet
167Kb / 2P
   SILICON PLANAR ZENER DIODES Halogen-free type
MM3Z2B4H ZOWIE-MM3Z2B4H Datasheet
151Kb / 2P
   SILICON PLANAR ZENER DIODES Halogen-free type
logo
New Jersey Semi-Conduct...
RD2.0E NJSEMI-RD2.0E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com