Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7PB-06B25S Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # V7PB-06B25S
Description  NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7PB-06B25S Datasheet(HTML) 3 Page - Bel Fuse Inc.

  V7PB-06B25S Datasheet HTML 1Page - Bel Fuse Inc. V7PB-06B25S Datasheet HTML 2Page - Bel Fuse Inc. V7PB-06B25S Datasheet HTML 3Page - Bel Fuse Inc. V7PB-06B25S Datasheet HTML 4Page - Bel Fuse Inc. V7PB-06B25S Datasheet HTML 5Page - Bel Fuse Inc. V7PB-06B25S Datasheet HTML 6Page - Bel Fuse Inc. V7PB-06B25S Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2002 Bel Fuse Inc. Specifications subject to change without notice. 01.02
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP01V7PB-06B
5V Input / 1.5 – 3.3V Output / 6A
page 3
Output Specifications
r
e
t
e
m
a
r
a
P
e
l
u
d
o
M
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
t
n
i
o
P
t
e
S
e
g
a
t
l
o
V
t
u
p
t
u
O
1
V
3
.
3
V
5
.
2
V
5
.
1
t
u
o
V
4
3
2
.
3
0
5
4
.
2
0
7
4
.
1
3
.
3
5
.
2
5
.
1
6
6
3
.
3
0
5
5
.
2
0
3
5
.
1
V
n
o
i
t
a
l
u
g
e
R
d
a
o
L
V
3
.
3
V
5
.
2
V
5
.
1
7
5
3
6
1
0
1
0
1
V
m
n
o
i
t
a
l
u
g
e
R
e
n
i
Lll
A
30
1V
m
e
r
u
t
a
r
e
p
m
e
T
r
e
v
O
n
o
i
t
a
l
u
g
e
R
C
°
0
7
-
°
0V
3
.
3
V
5
.
2
V
5
.
1
0
1
0
1
0
1
6
4
5
3
1
2
V
m
n
o
i
t
a
l
u
g
e
R
e
g
a
t
l
o
V
t
u
p
t
u
O
l
a
t
o
T
V
3
.
3
V
5
.
2
V
5
.
1
0
2
8
1
6
1
2
7
5
5
0
4
V
m
e
s
i
o
N
d
n
a
e
l
p
p
i
R
t
u
p
t
u
O
2
ll
A
0
60
0
1p
-
p
V
m
e
s
i
o
N
d
n
a
e
l
p
p
i
R
t
u
p
t
u
O
2
ll
A
3
10
2s
m
r
V
m
e
g
n
a
R
t
n
e
r
r
u
C
t
u
p
t
u
Oll
At
u
o
I0
6A
t
i
m
i
L
t
n
e
r
r
u
C
C
D
t
u
p
t
u
Oll
Am
il
t
u
o
I8
.
7
5
1A
e
g
r
u
S
t
i
u
c
r
i
C
t
r
o
h
S
V
3
.
3
V
5
.
2
V
5
.
1
e
g
r
u
s
t
u
o
I
8
0
.
0
3
0
.
0
5
0
.
0
2
.
0
1
.
0
1
.
0
A2s
e
m
i
T
n
o
n
r
u
Tll
An
o
T
2
10
2s
m
n
O
n
r
u
T
t
a
t
o
o
h
s
r
e
v
Oll
A
03
%
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Oll
At
u
o
C0
0
0
2
2F
µ
e
s
n
o
p
s
e
R
t
n
e
i
s
n
a
r
T
3
d
a
o
L
x
a
M
f
o
%
0
0
1
o
t
%
0
5
V
ll
A
0
50
0
1V
m
e
m
i
T
g
n
il
t
t
e
Ss
T
0
20
4s
µ
d
a
o
L
x
a
M
f
o
%
0
5
o
t
%
0
0
1
V
0
50
0
1V
m
e
m
i
T
g
n
il
t
t
e
Ss
T
0
20
4s
µ
Note: All specifications are typical at nominal input, full load at 25° C unless otherwise stated.
1. Vin=5V, Iout=full load, Ta=25° C.
2. 0 - 20MHz BW, 0.1µF ceramic cap on output.
3. di/dt=0.5A/uS, Vin=5 VDC, Ta=25° C with a 47µF aluminum cap on output.


Similar Part No. - V7PB-06B25S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PB-06F1A0 BEL-V7PB-06F1A0 Datasheet
185Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.75V-3.63V/6A Output
V7PB-06F1AL BEL-V7PB-06F1AL Datasheet
185Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.75V-3.63V/6A Output
More results

Similar Description - V7PB-06B25S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPB-06B BEL-VRPB-06B Datasheet
182Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
VRPC-10B BEL-VRPC-10B Datasheet
215Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
V7PC-10B BEL-V7PC-10B Datasheet
291Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
VRPC-04C BEL-VRPC-04C Datasheet
96Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
V7PC-10A BEL-V7PC-10A Datasheet
313Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
VRPC-10C BEL-VRPC-10C Datasheet
259Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
V7PA-03A BEL-V7PA-03A Datasheet
365Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 3A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com