Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC163 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVC163
Description  Presettable synchronous 4-bit binary counter; synchronous reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC163 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC163 Datasheet HTML 4Page - NXP Semiconductors 74LVC163 Datasheet HTML 5Page - NXP Semiconductors 74LVC163 Datasheet HTML 6Page - NXP Semiconductors 74LVC163 Datasheet HTML 7Page - NXP Semiconductors 74LVC163 Datasheet HTML 8Page - NXP Semiconductors 74LVC163 Datasheet HTML 9Page - NXP Semiconductors 74LVC163 Datasheet HTML 10Page - NXP Semiconductors 74LVC163 Datasheet HTML 11Page - NXP Semiconductors 74LVC163 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Philips Semiconductors
Product specification
74LVC163
Presettable synchronous 4-bit binary counter;
synchronous reset
1998 May 20
11
TSSOP16:
plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1


Similar Part No. - 74LVC163

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
logo
NXP Semiconductors
74LVC16373 PHILIPS-74LVC16373 Datasheet
83Kb / 10P
   16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVC16373A PHILIPS-74LVC16373A Datasheet
83Kb / 10P
   16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVC16373A PHILIPS-74LVC16373A Datasheet
114Kb / 17P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
2003 Dec 08
74LVC16373A PHILIPS-74LVC16373A Datasheet
212Kb / 17P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8-6 January 2014
More results

Similar Description - 74LVC163

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
logo
Nexperia B.V. All right...
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
logo
NXP Semiconductors
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
   Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
logo
Nexperia B.V. All right...
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
74HCT163-Q100 NEXPERIA-74HCT163-Q100 Datasheet
292Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 2 - 12 October 2018
logo
NXP Semiconductors
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
   Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
74LV161 PHILIPS-74LV161 Datasheet
148Kb / 16P
   Presettable synchronous 4-bit binary counter; asynchronous reset
1997 May 15
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
74HC161 NEXPERIA-74HC161 Datasheet
279Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 5 - 16 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com