Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL612A-5ETR13 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IL612A-5ETR13
Description  Passive Input Digital Isolators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL612A-5ETR13 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IL612A-5ETR13 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL612A-5ETR13 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL612A-5ETR13 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL612A-5ETR13 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL612A-5ETR13 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL612A-5ETR13 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL612A-5ETR13 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL612A-5ETR13 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL612A-5ETR13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IL610 IL611 IL612
IL613 IL614
2
Absolute Maximum Ratings
(1)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Storage Temperature
T
S
-55
150
°C
Ambient Operating Temperature
T
A
-55
125
°C
Supply Voltage
V
DD
-0.5
7
V
Input Current
I
IN
-25
25
mA
Output Voltage
V
O
-0.5
V
CC+0.5
V
Maximum Output Current
I
O
-10
10
mA
ESD
2
kV
HBM
Recommended Operating Conditions
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Ambient Operating Temperature
T
A
-40
85
°C
Supply Voltage
V
DD
3.0
5.5
V
Input Current
I
IN
0
10
mA
Output Current
I
OUT
-4
4
mA
Open Drain Reverse Voltage
V
SD
-0.5
V
Open Drain Voltage
V
DS
6.5
V
Open Drain Load Current
I
OD
4
mA
Input Signal Rise and Fall Times
t
IR, tIF
50
ms
Common Mode Input Voltage
V
CM
400
V
AC RMS
Insulation Specifications
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Creepage Distance (external)
MSOP
3.010
mm
0.15’’ SOIC
4.026
mm
0.30’’ SOIC
8.077
mm
0.30’’ PDIP
7.077
mm
Internal Isolation Distance
9
µm
Leakage Current
0.2
µA
RMS
240 V
RMS, 60 Hz
Barrier Impedance
>1014||7
Ω || pF
Safety & Approvals
IEC61010-1
TUV Certificate Numbers:
Approval Pending
Classification
Model
Package
Pollution
Degree
Material
Group
Max. Working
Voltage
IL610-1, IL610A-1, IL611-1, IL611A-1
MSOP
II
III
100 VRMS
IL610-2, IL610A-2, IL611-2, IL611A-2, IL612-2, IL612A-2
PDIP
II
III
300 VRMS
IL613, IL614
SOIC (0.3")
II
III
300 VRMS
IL610-3, IL610A-3, IL611-3, IL611A-3, IL612-3, IL612A-3
IL613-3, IL614-3
SOIC (0.15")
II
III
150 VRMS
UL 1577
Component Recognition program. File #:
Approval Pending
Rated 2500V
RMS for 1 minute (SOIC, PDIP), 1000VRMS for 1 minute (MSOP)
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, NVE recommends that all integrated
circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance
degradation to complete failure.


Similar Part No. - IL612A-5ETR13

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL6083 IKSEMICON-IL6083 Datasheet
267Kb / 10P
   PWM Power Control IC with Interference Suppression
IL6083N IKSEMICON-IL6083N Datasheet
267Kb / 10P
   PWM Power Control IC with Interference Suppression
IL6083 IKSEMICON-IL6083_16 Datasheet
271Kb / 10P
   PWM Power Control IC with Interference Suppression
logo
Intersil Corporation
IL6336ACRZ INTERSIL-IL6336ACRZ Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
IL6336AIRZ INTERSIL-IL6336AIRZ Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
More results

Similar Description - IL612A-5ETR13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71610M RENESAS-ISL71610M Datasheet
889Kb / 27P
   Radiation Tolerant Passive-Input Digital Isolator
Nov 11, 2022
ISL71610SLHM RENESAS-ISL71610SLHM Datasheet
489Kb / 18P
   Radiation Hardened Passive-Input Digital Isolator
Nov 11, 2022
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7240 TI-ISO7240 Datasheet
755Kb / 23P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7220A-Q1 TI1-ISO7220A-Q1 Datasheet
751Kb / 24P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
logo
PHOENIX CONTACT
2864655 PHOENIX-2864655 Datasheet
254Kb / 8P
   One- and two-channel passive isolators
logo
MORNSUN Science& Techno...
TA306W-11 MORNSUN-TA306W-11 Datasheet
712Kb / 3P
   12.5mm SLIM CASE PASSIVE SIGNAL ISOLATORS
logo
Texas Instruments
ISO7240 TI-ISO7240_1 Datasheet
767Kb / 25P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7220A TI-ISO7220A Datasheet
734Kb / 25P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com