Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCH162373ADL Datasheet(PDF) 10 Page - NXP Semiconductors

Part # VCH162373ADL
Description  16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VCH162373ADL Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button VCH162373ADL Datasheet HTML 6Page - NXP Semiconductors VCH162373ADL Datasheet HTML 7Page - NXP Semiconductors VCH162373ADL Datasheet HTML 8Page - NXP Semiconductors VCH162373ADL Datasheet HTML 9Page - NXP Semiconductors VCH162373ADL Datasheet HTML 10Page - NXP Semiconductors VCH162373ADL Datasheet HTML 11Page - NXP Semiconductors VCH162373ADL Datasheet HTML 12Page - NXP Semiconductors VCH162373ADL Datasheet HTML 13Page - NXP Semiconductors VCH162373ADL Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
2004 Feb 05
10
Philips Semiconductors
Product specification
16-bit D-type transparent latch; 30
Ω series termination
resistors; 5 V tolerant inputs/outputs; 3-state
74LVC162373A;
74LVCH162373A
Notes
1. All typical values are measured at Tamb =25 °C.
2. Measured at VCC = 3.3 V.
3. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed
by design.
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay nDn to nQn
see Fig 6 and 10
1.2
−−−
ns
2.7
1.5
8.5
ns
3.0 to 3.6
1.0
7.5
ns
propagation delay nLE to nQn
see Fig 7 and 10
1.2
−−−
ns
2.7
1.5
9.0
ns
3.0 to 3.6
1.5
8.0
ns
tPZH/tPZL
3-state output enable time nOE to nQn see Fig 8 and 10
1.2
−−−
ns
2.7
1.5
9.5
ns
3.0 to 3.6
1.0
8.0
ns
tPHZ/tPLZ
3-state output disable time nOE to nQn see Fig 8 and 10
1.2
−−−
ns
2.7
1.5
6.0
ns
3.0 to 3.6
1.5
6.0
ns
tW
nLE pulse width HIGH
see Fig 7
1.2
−−−
ns
2.7
3.0
−−
ns
3.0 to 3.6
3.0
−−
ns
tsu
set-up time nDn to nLE
see Fig 9
1.2
−−−
ns
2.7
2.0
−−
ns
3.0 to 3.6
2.0
−−
ns
th
hold time nDn to nLE
see Fig 9
1.2
−−−
ns
2.7
0.9
−−
ns
3.0 to 3.6
0.9
−−
ns
tsk(0)
skew
note 3
3.0 to 3.6
−−
1.5
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)


Similar Part No. - VCH162373ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VCH162374ADGG PHILIPS-VCH162374ADGG Datasheet
86Kb / 16P
   16-bit edge triggered D-type flip-flop with 30 ohmseries termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 05
VCH162374ADL PHILIPS-VCH162374ADL Datasheet
86Kb / 16P
   16-bit edge triggered D-type flip-flop with 30 ohmseries termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 05
More results

Similar Description - VCH162373ADL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC162373A NEXPERIA-74LVC162373A Datasheet
246Kb / 14P
   16-bit D-type transparent latch; 30 Ω series termination resistors; 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 16 September 2021
logo
NXP Semiconductors
74LVT162373 PHILIPS-74LVT162373 Datasheet
121Kb / 12P
   3.3 V LVT 16-bit transparent D-type latch with 30 ohm termination resistors 3-State
1999 Sep 23
logo
Nexperia B.V. All right...
74LVT162373 NEXPERIA-74LVT162373 Datasheet
216Kb / 13P
   3.3 V 16-bit transparent D-type latch with 30 Ω termination resistors; 3-state
Rev. 2 - 1 October 2018
logo
NXP Semiconductors
74LVC_LVCH162245A PHILIPS-74LVC_LVCH162245A_15 Datasheet
237Kb / 16P
   16-bit transceiver with direction pin, 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-23 November 2011
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
74LVCH16373A PHILIPS-74LVCH16373A Datasheet
114Kb / 17P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVC16373A NEXPERIA-74LVC16373A Datasheet
261Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 10 - 1 October 2021
74LVC16373A-Q100 NEXPERIA-74LVC16373A-Q100 Datasheet
252Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
logo
NXP Semiconductors
74LVC322244A PHILIPS-74LVC322244A Datasheet
77Kb / 16P
   32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC_LVCH16373A PHILIPS-74LVC_LVCH16373A_15 Datasheet
212Kb / 17P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8-6 January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com