Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7PB-10A10L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # V7PB-10A10L
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7PB-10A10L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  V7PB-10A10L Datasheet HTML 1Page - Bel Fuse Inc. V7PB-10A10L Datasheet HTML 2Page - Bel Fuse Inc. V7PB-10A10L Datasheet HTML 3Page - Bel Fuse Inc. V7PB-10A10L Datasheet HTML 4Page - Bel Fuse Inc. V7PB-10A10L Datasheet HTML 5Page - Bel Fuse Inc. V7PB-10A10L Datasheet HTML 6Page - Bel Fuse Inc. V7PB-10A10L Datasheet HTML 7Page - Bel Fuse Inc. V7PB-10A10L Datasheet HTML 8Page - Bel Fuse Inc. V7PB-10A10L Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2003 Bel Fuse Inc.
Specifications subject to change without notice. 03.03
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP02V7PB-10A
12V Input / 1.0 – 5.0V Output / 10A
Nonisolated
Industry standard pinout
Fixed frequency
High efficiency means less power dissipation
Optimized for cost
Remote on/off
Remote sense
Undervoltage lockout
Over current and short circuit protection
Overtemperature shutdown
Description
The Bel V7PB-10A series modules are non-isolated, step down DC/DC power converters that operate from a nominal 12V
source. These converters are available in a range of output voltages from 1.0V to 5.0V. They are packaged in an industry
standard single-in-line footprint and provide a maximum 10A output. Standard features include remote on/off, remote sense,
over current and short cicuit protection, overtemperature shutdown and output voltage adjust. Remote on/off logic is an
optional feature. These products may be used almost anywhere low-voltage silicon is employed and a 12V source is available.
Typical applications include file servers, routers, line cards and other computing and communications equipment.
Applications
page 1
V7PB-10A Series
Telecommunications
Networking
Computers and peripherals
Part Number Selection
Options
Remote on/off logic
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
n
I
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
.
x
a
M
t
u
p
t
u
O
r
e
w
o
P
l
a
c
i
p
y
T
y
c
n
e
i
c
i
f
f
E
r
e
b
m
u
N
t
r
a
P
r
e
b
m
u
N
t
r
a
P
n
o
i
t
p
O
w
o
L
e
v
i
t
c
A
V
0
.
5V
2
1A
0
1W
0
5%
4
9S
0
5
A
0
1
-
B
P
7
VL
0
5
A
0
1
-
B
P
7
V
V
3
.
3V
2
1A
0
1W
3
3%
2
9S
3
3
A
0
1
-
B
P
7
VL
3
3
A
0
1
-
B
P
7
V
V
5
.
2V
2
1A
0
1W
5
2%
0
9S
5
2
A
0
1
-
B
P
7
VL
5
2
A
0
1
-
B
P
7
V
V
0
.
2V
2
1A
0
1W
0
2%
8
8S
0
2
A
0
1
-
B
P
7
VL
0
2
A
0
1
-
B
P
7
V
V
8
.
1V
2
1A
0
1W
8
1%
7
8S
8
1
A
0
1
-
B
P
7
VL
8
1
A
0
1
-
B
P
7
V
V
5
.
1V
2
1A
0
1W
5
1%
6
8S
5
1
A
0
1
-
B
P
7
VL
5
1
A
0
1
-
B
P
7
V
V
2
.
1V
2
1A
0
1W
2
1%
3
8S
2
1
A
0
1
-
B
P
7
VL
2
1
A
0
1
-
B
P
7
V
V
0
.
1V
2
1A
0
1W
0
1%
2
8S
0
1
A
0
1
-
B
P
7
VL
0
1
A
0
1
-
B
P
7
V


Similar Part No. - V7PB-10A10L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PB-10B BEL-V7PB-10B Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
V7PB-10B09L BEL-V7PB-10B09L Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
V7PB-10B09S BEL-V7PB-10B09S Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
V7PB-10B12L BEL-V7PB-10B12L Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
V7PB-10B12S BEL-V7PB-10B12S Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
More results

Similar Description - V7PB-10A10L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPB-10A BEL-VRPB-10A Datasheet
518Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
SRAH-03A BEL-SRAH-03A Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
S7DB-07A BEL-S7DB-07A Datasheet
249Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
SRDB-07A BEL-SRDB-07A Datasheet
256Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com