Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH2S64CWZTJ-15 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # MH2S64CWZTJ-15
Description  134217728-BIT (2097152-WORD BY 64-BIT)SynchronousDRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH2S64CWZTJ-15 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MH2S64CWZTJ-15 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH2S64CWZTJ-15 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH2S64CWZTJ-15 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH2S64CWZTJ-15 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH2S64CWZTJ-15 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH2S64CWZTJ-15 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH2S64CWZTJ-15 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH2S64CWZTJ-15 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH2S64CWZTJ-15 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
MH2S64CZTJ/CWZTJ-12,-15,-1539
134217728-BIT (2097152-WORD BY 64-BIT)SynchronousDRAM
MITSUBISHI LSIs
(
/ 45 )
MITSUBISHI
ELECTRIC
Oct.28.1996
Preliminary Spec.
Some contents are subject to change without notice.
MIT-DS-0019-0.4
PIN FUNCTION
Input
Master Clock:All other inputs are referenced to the rising
edge of CK
CKE
Input
Clock Enable:CKE controls internal clock.When CKE is
low,internal clock for the following cycle is ceased. CKE is
also used to select auto / self refresh. After self refresh
mode is started, CKE E becomes asynchronous input.Self
refresh is maintained as long as CKE is low.
/S
(/S0 & /S2)
Input
Chip Select: When /S is high,any command means
No Operation.
/RAS,/CAS,/WE
Input
Combination of /RAS,/CAS,/WE defines basic commands.
A0-10
Input
A0-10 specify the Row/Column Address in conjunction with
BA.The Row Address is specified by A0-10.The Column
Address is specified by A0-8.A10 is also used to indicate
precharge option.When A10 is high at a read / write
command, an auto precharge is performed. When A10 is
high at a precharge command, both banks are precharged.
BA
Input
Bank Address:BA is not simply BA.BA specifies the bank
to which a command is applied.BA must be set with
ACT,PRE,READ,WRITE commands
DQ0-63
Input/Output
Data In and Data out are referenced to the rising edge of
CK
DQMB0-7
Input
Din Mask/Output Disable:When DQMB is high in burst
write.Din for the current cycle is masked.When DQMB is high
in burst read,Dout is disabled at the next but one cycle.
Vdd,Vss
Power Supply Power Supply for the memory mounted module.
SLA
SDA
SA0-3
Input
Output
Input
Serial clock for serial PD
Serial data for serial PD
Address input for serial PD
5
CK
(CK0 & CK1)


Similar Part No. - MH2S64CWZTJ-15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH2S64CWXTJ-12 MITSUBISHI-MH2S64CWXTJ-12 Datasheet
697Kb / 45P
   134217728-BIT (2097152-WORD BY 64-BIT)SynchronousDRAM
MH2S64CWXTJ-15 MITSUBISHI-MH2S64CWXTJ-15 Datasheet
697Kb / 45P
   134217728-BIT (2097152-WORD BY 64-BIT)SynchronousDRAM
MH2S64CWXTJ-1539 MITSUBISHI-MH2S64CWXTJ-1539 Datasheet
697Kb / 45P
   134217728-BIT (2097152-WORD BY 64-BIT)SynchronousDRAM
More results

Similar Description - MH2S64CWZTJ-15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH2S64CWXTJ-12 MITSUBISHI-MH2S64CWXTJ-12 Datasheet
697Kb / 45P
   134217728-BIT (2097152-WORD BY 64-BIT)SynchronousDRAM
MH8S64DBKG-7 MITSUBISHI-MH8S64DBKG-7 Datasheet
688Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH4S64DBKG-7 MITSUBISHI-MH4S64DBKG-7 Datasheet
681Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BBKD-10 MITSUBISHI-MH8S64BBKD-10 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH16S64PHB-7 MITSUBISHI-MH16S64PHB-7 Datasheet
589Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH8S64QFC-7 MITSUBISHI-MH8S64QFC-7 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64AQFC-7 MITSUBISHI-MH8S64AQFC-7 Datasheet
670Kb / 55P
   536,870,912-BIT (8,388,608 - WORD BY 64-BIT)SynchronousDRAM
MH4S64BKG-10 MITSUBISHI-MH4S64BKG-10 Datasheet
572Kb / 55P
   268435456-BIT (4194304 - WORD BY 64-BIT)SynchronousDRAM
MH16S64PFC-7 MITSUBISHI-MH16S64PFC-7 Datasheet
583Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
MH16S64PHC-7 MITSUBISHI-MH16S64PHC-7 Datasheet
590Kb / 55P
   1073741824-BIT (16777216 - WORD BY 64-BIT)SynchronousDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com