Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC16245ADL Datasheet(PDF) 6 Page - NXP Semiconductors

Part # VC16245ADL
Description  16-bit bus transceiver with direction pin; 5V tolerant 3-State
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VC16245ADL Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button VC16245ADL Datasheet HTML 2Page - NXP Semiconductors VC16245ADL Datasheet HTML 3Page - NXP Semiconductors VC16245ADL Datasheet HTML 4Page - NXP Semiconductors VC16245ADL Datasheet HTML 5Page - NXP Semiconductors VC16245ADL Datasheet HTML 6Page - NXP Semiconductors VC16245ADL Datasheet HTML 7Page - NXP Semiconductors VC16245ADL Datasheet HTML 8Page - NXP Semiconductors VC16245ADL Datasheet HTML 9Page - NXP Semiconductors VC16245ADL Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
74LVC_LVCH16245A_8
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 08 — 6 November 2008
6 of 19
NXP Semiconductors
74LVC16245A; 74LVCH16245A
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
Table 2.
Pin description
Symbol
Pin
Description
SOT370-1 and
SOT362-1
SOT702-1
SOT1025-1
1DIR, 2DIR 1, 24
A1, K1
A30, A13
direction control input
1B0 to 1B7
2, 3, 5, 6, 8, 9, 11,
12
B2, B1, C2, C1, D2, D1,
E2, E1
B20, A31, D5, D1, A2,
B2, B3, A5
data input/output
2B0 to 2B7
13, 14, 16, 17, 19,
20, 22, 23
F1, F2, G1, G2, H1, H2,
J1, J2
A6, B5, B6, A9, D2, D6,
A12, B8
data input/output
GND
4, 10, 15, 21, 28,
34, 39, 45
B3, B4, D3, D4, G3, G4,
J3, J4
A32, A3, A8, A11, A16,
A19, A24, A27
ground (0 V)
VCC
7, 18, 31, 42
C3, C4, H3, H4
A1, A10, A17, A26
supply voltage
1OE, 2OE
48, 25
A6, K6
A29, A14
output enable input (active LOW)
1A0 to 1A7
47, 46, 44, 43, 41,
40, 38, 37
B5, B6, C5, C6, D5, D6,
E5, E6
B18, A28, D8, D4, A25,
B16, B15, A22
data input/output
2A0 to 2A7
36, 35, 33, 32, 30,
29, 27, 26
F6, F5, G6, G5, H6, H5,
J6, J5
A21, B13, B12, A18, D3,
D7, A15, B10
data input/output
n.c.
-
A2, A3, A4, A5, K2, K3,
K4, K5
A4, A7, A20, A23, B1,
B4, B7, B9, B11, B14,
B17, B19
not connected
Table 3.
Function table[1]
Inputs
Outputs
nOE
nDIR
nAn
nBn
L
L
A = B
inputs
L
H
inputs
B = A
HX
Z
Z


Similar Part No. - VC16245ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VC16240ADGG PHILIPS-VC16240ADGG Datasheet
78Kb / 10P
   16-bit buffer/line driver; inverting 3-State
1997 Jul 29
VC16240ADL PHILIPS-VC16240ADL Datasheet
78Kb / 10P
   16-bit buffer/line driver; inverting 3-State
1997 Jul 29
VC16241ADGG PHILIPS-VC16241ADGG Datasheet
78Kb / 10P
   16-bit buffer/line driver 3-State
1997 Jul 29
VC16241ADL PHILIPS-VC16241ADL Datasheet
78Kb / 10P
   16-bit buffer/line driver 3-State
1997 Jul 29
VC16244ADGG PHILIPS-VC16244ADGG Datasheet
78Kb / 10P
   16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
More results

Similar Description - VC16245ADL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
74AVC16245 PHILIPS-74AVC16245_15 Datasheet
134Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-31 January 2013
74AVCH16245 PHILIPS-74AVCH16245_15 Datasheet
137Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-8 January 2013
74LVC162245A PHILIPS-74LVC162245A Datasheet
84Kb / 10P
   16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
2003 Dec 08
logo
Nexperia B.V. All right...
74AVCH16245 NEXPERIA-74AVCH16245 Datasheet
745Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 8 January 2013
logo
NXP Semiconductors
74AVCH16245 PHILIPS-74AVCH16245 Datasheet
88Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com