Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7DB-08C180 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # S7DB-08C180
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 8A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7DB-08C180 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button S7DB-08C180 Datasheet HTML 5Page - Bel Fuse Inc. S7DB-08C180 Datasheet HTML 6Page - Bel Fuse Inc. S7DB-08C180 Datasheet HTML 7Page - Bel Fuse Inc. S7DB-08C180 Datasheet HTML 8Page - Bel Fuse Inc. S7DB-08C180 Datasheet HTML 9Page - Bel Fuse Inc. S7DB-08C180 Datasheet HTML 10Page - Bel Fuse Inc. S7DB-08C180 Datasheet HTML 11Page - Bel Fuse Inc. S7DB-08C180 Datasheet HTML 12Page - Bel Fuse Inc. S7DB-08C180 Datasheet HTML 13Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2002 Bel Fuse Inc.
Specifications subject to change without notice. 08.02
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP02S7DB-08C
3.3V Input / 1.2V – 2.5V Output / 8A
page 11
S7DB-08C250 Trim Resistor Calculation
Rtrim down =
9.590
Vo – Vo, adj
– 14.29
) Kohm
(
Rtrim up =
4.504
Vo, adj – Vo
– 8.66
) Kohm
(
Output Voltage Set-Point Adjustment
S7DB-08C180 Trim Resistor Calculation
Rtrim down =
3.869
Vo – Vo, adj
– 12.5
) Kohm
(
Rtrim up =
3.072
Vo, adj – Vo
– 8.66
) Kohm
(
1.9
1.96
2.02
2.08
2.14
2.2
2.26
2.32
2.38
2.44
2.5
0
30
60
90
120
150
180
210
240
270
300
A djusted outp ut voltage Vo,adj (V)
2.5
2.52
2.53
2.54
2.56
2.58
2.59
2.61
2.62
2.63
2.65
0
30
60
90
120
150
180
210
240
270
300
Adjusted output voltage Vo,adj(V)
1.5
1.53
1.56
1.59
1.62
1.65
1.68
1.71
1.74
1.77
1.8
0
30
60
90
120
150
180
210
240
270
300
A djust ed outp ut voltage Vo,adj (V)
1.8
1.83
1.86
1.89
1.92
1.95
1.98
2.01
2.04
2.07
2.1
0
30
60
90
120
150
180
210
240
270
300
Adjusted output voltage Vo,adj(V)


Similar Part No. - S7DB-08C180

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-08B BEL-S7DB-08B Datasheet
289Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
S7DB-08B120 BEL-S7DB-08B120 Datasheet
289Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
S7DB-08B150 BEL-S7DB-08B150 Datasheet
289Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
S7DB-08B180 BEL-S7DB-08B180 Datasheet
289Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
S7DB-08B250 BEL-S7DB-08B250 Datasheet
289Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
More results

Similar Description - S7DB-08C180

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
S7DB-08B BEL-S7DB-08B Datasheet
289Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRAH-05C BEL-SRAH-05C Datasheet
210Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
S7DB-12C BEL-S7DB-12C Datasheet
168Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 12A
V7PD-15C BEL-V7PD-15C Datasheet
347Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
VRPD-15C BEL-VRPD-15C Datasheet
350Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
V7PD-15B BEL-V7PD-15B Datasheet
245Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
VRPD-15B BEL-VRPD-15B Datasheet
252Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com