Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH3123 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # CPH3123
Description  PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3123 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  CPH3123 Datasheet HTML 1Page - Sanyo Semicon Device CPH3123 Datasheet HTML 2Page - Sanyo Semicon Device CPH3123 Datasheet HTML 3Page - Sanyo Semicon Device CPH3123 Datasheet HTML 4Page - Sanyo Semicon Device CPH3123 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CPH3123 / CPH3223
No.7221-2/5
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)1A, IB=(--)50mA
(--115)90 (--230)130
mV
IC=(--)2A, IB=(--)100mA
(--240)160 (--650)240
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)2A, IB=(--)100mA
(--)0.88
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10µA, IE=0
(--50)100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=(--)100µA, RBE=0
(--50)100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10µA, IC=0
(--)6
V
Turn-ON Time
ton
See specified Test Circuit.
(30)35
ns
Storage Time
tstg
See specified Test Circuit.
(230)300
ns
Fall Time
tf
See specified Test Circuit.
(18)25
ns
Package Dimensions
Switching Time Test Circuit
unit : mm
2150A
1 : Base
2 : Emitter
3 : Collector
SANYO : CPH3
0.05
1.9
1
2
3
2.9
0.15
0.4
VR
RB
VCC=25V
VBE= --5V
+
+
50
INPUT
OUTPUT
RL
100
µF
470
µF
PW=20
µs
IB1
D.C.
≤1%
IB2
IC=10IB1= --10IB2=1A
For PNP, the polarity is reversed.
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.4
0.6
0.2
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
CPH3123
VCE= --2V
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
--2.0
IC -- VCE
0
--0.2
--0.3
--0.1
--0.4
--0.5
--0.6
--0.7
--0.8
--0.9
--1.0
IB=0
IB=0
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
CPH3223
VCE=2V
CPH3123
CPH3223
--4mA
--10mA
--8mA
--6mA
--30mA
--20mA
--40mA
10mA
5mA
20mA
40mA
60mA
80mA
100mA
--2mA
IT04564
IT04566
IT04565
IT04567
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2


Similar Part No. - CPH3123

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH3123-TL-E ONSEMI-CPH3123-TL-E Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
More results

Similar Description - CPH3123

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6017 SANYO-2SC6017 Datasheet
55Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH5522 SANYO-CPH5522 Datasheet
61Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH5518 SANYO-CPH5518 Datasheet
62Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6044 SANYO-2SC6044 Datasheet
44Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC5999 SANYO-2SC5999 Datasheet
37Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6064 SANYO-2SC6064 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6043 SANYO-2SC6043 Datasheet
39Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH5517 SANYO-CPH5517 Datasheet
49Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
F5H2101 SANYO-F5H2101 Datasheet
64Kb / 5P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2192 SANYO-2SA2192 Datasheet
45Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com